Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC31IRHBT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC31IRHBT
Description  LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC31IRHBT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV320AIC31IRHBT Datasheet HTML 2Page - Texas Instruments TLV320AIC31IRHBT Datasheet HTML 3Page - Texas Instruments TLV320AIC31IRHBT Datasheet HTML 4Page - Texas Instruments TLV320AIC31IRHBT Datasheet HTML 5Page - Texas Instruments TLV320AIC31IRHBT Datasheet HTML 6Page - Texas Instruments TLV320AIC31IRHBT Datasheet HTML 7Page - Texas Instruments TLV320AIC31IRHBT Datasheet HTML 8Page - Texas Instruments TLV320AIC31IRHBT Datasheet HTML 9Page - Texas Instruments TLV320AIC31IRHBT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
www.ti.com
TLV320AIC31
SLAS497 – DECEMBER 2005
ELECTRICAL CHARACTERISTICS (continued)
At 25
°C, AVDD, DRVDD, IOVDD = 3.3 V, DVDD = 1.8 V, Fs = 48-kHz, 16-bit audio data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MICROPHONE BIAS
2.0
2.25
2.5
2.75
Bias voltage
Programmable settings, load = 750
V
AVDD-
0.2
Current sourcing
2.5 V setting
4
mA
AUDIO DAC
Differential Line output, load = 10 k
Ω, 50 pF
1.414
VRMS
Full-scale differential output
0-dB gain to line outputs. DAC output common-mode
voltage
setting = 1.35 V, output level control gain = 0-dB
4.0
VPP
Signal-to-noise ratio,
Fs = 48 kHz, 0-dB gain to line outputs, zero signal
90
100
dB
A-weighted(3)
applied, referenced to full-scale input level
Fs = 48 kHz, 0-dB gain to line outputs,
Dynamic range, A-weighted
100
dB
1 kHz –60 dB signal applied
Total harmonic distortion
Fs = 48 kHz, 1 kHz 0 dB input signal applied
–93
–75
dB
Power supply rejection ratio
234 Hz, 100 mVpp on AVDD, DRVDD1/2
81
dB
DAC channel separation (left to
1-kHz, 0-dB
–100
dB
right)
DAC interchannel gain mismatch
1 kHz input, 0dB gain
0.1
dB
DAC Gain Error
1 kHz input, 0dB gain
–0.26
dB
DAC DIGITAL INTERPOLATION
Fs = 48-kHz
FILTER
Passband
High-pass filter disabled
0.45
×Fs
Hz
Passband ripple
High-pass filter disabled
±0.06
dB
Transition band
0.45
×Fs
0.55
×Fs
Hz
Stopband
0.55
×Fs
7.5
×Fs
Hz
Stopband attenuation
65
dB
Group delay
21/Fs
Sec
STEREO HEADPHONE DRIVER
AC-coupled output configuration(4)
0-dB gain to high power outputs. Output
0-dB full-scale output voltage
0.707
VRMS
common-mode voltage setting = 1.35 V
First option
1.35
Programmable output common
Second option
1.50
mode voltage (applicable to Line
V
Third option
1.65
Outputs also)
Fourth option
1.8
Maximum programmable output
9
dB
level control gain
Programmable output level
1
dB
control gain step size
RL = 32 Ω
15
PO
Maximum output power
mW
RL = 16 Ω
30
Signal-to-noise ratio,
94
dB
A-weighted(5)
(3)
Unless otherwise noted, all measurements use output common-mode voltage setting of 1.35 V, 0-dB output level control gain, 16-
single-ended load.
(4)
Unless otherwise noted, all measurements use output common-mode voltage setting of 1.35 V, 0-dB output level control gain, 16-
single-ended load.
(5)
Ratio of output level with a 1-kHz full-scale input, to the output level playing an all-zero signal, measured A-weighted over a 20-Hz to
20-kHz bandwidth.
6


Similar Part No. - TLV320AIC31IRHBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31IRHBT BURR-BROWN-TLV320AIC31IRHBT Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC31IRHBT BURR-BROWN-TLV320AIC31IRHBT Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC31IRHBTG4 BURR-BROWN-TLV320AIC31IRHBTG4 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC31IRHBTG4 BURR-BROWN-TLV320AIC31IRHBTG4 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results

Similar Description - TLV320AIC31IRHBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com