Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-104-DFF-D226 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # FX-104-DFF-D226
Description  Frequency Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-104-DFF-D226 Datasheet(HTML) 2 Page - Vectron International, Inc

  FX-104-DFF-D226 Datasheet HTML 1Page - Vectron International, Inc FX-104-DFF-D226 Datasheet HTML 2Page - Vectron International, Inc FX-104-DFF-D226 Datasheet HTML 3Page - Vectron International, Inc FX-104-DFF-D226 Datasheet HTML 4Page - Vectron International, Inc FX-104-DFF-D226 Datasheet HTML 5Page - Vectron International, Inc FX-104-DFF-D226 Datasheet HTML 6Page - Vectron International, Inc FX-104-DFF-D226 Datasheet HTML 7Page - Vectron International, Inc FX-104-DFF-D226 Datasheet HTML 8Page - Vectron International, Inc FX-104-DFF-D226 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FX-104 Frequency Translator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
Performance Characteristics
Description
Vectron's FX-104 is a SAW based frequency translator
which is used to translate any input frequency such as
8 kHz, 1.544 MHz, 2.048 MHz, 19.440 MHz etc. to any
specific frequency from 170 MHz to 777.6 MHz. The
input frequency does not have to be a 50/50% duty
cycle and as an example can be an 8 kHz signal with a
logic high "on time" of only 1us, such as a BITS clock.
The FX-104 also has the ability to translate any of 1 to
4 different input frequencies to one common output fre-
quency, such as input frequencies of 8 kHz and 1.544
MHz and 19.44 MHz and any other frequency between
333 Hz and 170 MHz translating them to any specific
output frequency from 170 MHz to 777.600 MHz.
The "Input Frequency tracking capability" is the total
amount of input frequency deviation in which the FX-
104 is guaranteed to track or translate. As an example,
a typical input clock would be 8 kHz ±20 ppm. The FX-
104 is guaranteed to track at least ±40 ppm of error over
temperature/ aging/ power supply and is more than
twice what most applications require. The PLL control
voltage is brought out through a 470K ohm resistor. This
would allow for the use of external circuitry (analog
comparators or an A/D converter plus a processor) to
detect when the control voltage is getting close to the
limits of the pull range.
Output Frequencies
155.52
777.6
MHz
Supply Voltage,
C = 5 Vdc
Vcc
4.75
5.00
5.25
Vdc
D = 3.3 Vdc
Vcc
3.15
3.30
3.45
Vdc
Supply Current
Icc
95
125
mA
Input Signal,
A = HCMOS
CLKIN
HCMOS
---
D = PECL
CLKIN
PECL
---
OUTPUT,
F = Comp PECL
---
---
PECL
---
---
VOL
VOL
Vcc-1.95
Vcc-1.63
V
VOH
VOH
Vcc-0.98
Vcc-0.75
V
Rise/Fall Time (20% to 80%)
t
R/tF
250
400
ps
Output Symmetry
Sym
45
49/51
55
%
Jitter Generation, rms (12 kHz to 20 MHz)
0.23
1
ps
Jitter Generation, rms (cycle to cycle method)
3
5
ps
Jitter Transfer, GR-253-CORE sec 5.6.2.1.2
0.1
dB
Input Frequency Tracking Capability
(Can translate a Stratum 1,2,3,3E,4
APR
±40
ppm
or SONET Min source)
Operating Temperature
Temp Range C =
0°C to +70°C
Temp Range F = -40°C to +85°C
Size
25.4 x 20.32 x 6.35 mm (1.0” x 0.8” x 0.25”)
Parameter
Symbol
Min
Typical
Max
Unit


Similar Part No. - FX-104-DFF-D226

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
1Mb / 11P
   Frequency Translator
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
More results

Similar Description - FX-104-DFF-D226

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
   Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
   Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
   Frequency Translator
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
logo
CTS Corporation
VCP3021X CTS-VCP3021X Datasheet
191Kb / 5P
   Frequency Translator
VCP3250 CTS-VCP3250 Datasheet
191Kb / 5P
   Frequency translator
VCP3028X CTS-VCP3028X Datasheet
190Kb / 5P
   Frequency Translator
VCP3036A CTS-VCP3036A Datasheet
190Kb / 5P
   Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com