Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SA2164 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. 2SA2164
Description  Silicon PNP epitaxial planar type For high-frequency amplification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA2164 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SA2164 Datasheet HTML 1Page - Panasonic Semiconductor 2SA2164 Datasheet HTML 2Page - Panasonic Semiconductor 2SA2164 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transistors
Publication date : December 2004
SJC00330AED
1
2SA2164
Silicon PNP epitaxial planar type
For high-frequency amplification
Features
High transfer ratio fT
SSS-Mini type package, allowing downsizing of the equipment and 
automatic insertion through the tape packing.
Absolute Maximum Ratings Ta = 25°C
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
–30
V
Collector-emitter voltage (Base open)
VCEO
–20
V
Emitter-base voltage (Collector open)
VEBO
–5
V
Collector current
IC
–30
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
°
C
Storage temperature
Tstg
–55 to +125
°
C
Electrical Characteristics Ta = 25°C±3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Base-emitter voltage
VBE
VCE = –10 V, IC = –1 mA
– 0.7
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = –10 V, IE = 0
– 0.1
µ
A
Collector-emitter cut-off current (Base open)
ICEO
VCE = –20 V, IB = 0
–100
µ
A
Emitter-base cut-off current (Collector open)
IEBO
VEB = –5 V, IC = 0
–10
µ
A
Forward current transfer ratio
hFE
VCB = –10 V, IE = 1 mA
70
220
Collector-emitter saturation voltage
VCE(sat) IC = –10 mA, IB = –1 mA
– 0.1
V
Transition frequency
fT
VCB = –10 V, IE = 1 mA, f = 200 MHz
150
300
MHz
Noise figure
NF
VCB = –10 V, IE = 1 mA, f = 5 MHz
2.8
dB
Reverse transfer impedance
Zrb
VCB = –10 V, IE = 1 mA, f = 2 MHz
22
Common-emitter reverse transfer capacitance
Cre
VCB = –10 V, IE = 1 mA, f = 10.7 MHz
1.2
pF
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
Unit: mm
1: Base
2: Emitter
3: Collector
SSSMini3-F1 Package
0.33
(0.40)
(0.40)
1
2
3
0.80±0.05
1.20±0.05
+0.05
–0.02
0.10+0.05
–0.02
0.23+0.05
–0.02
Marking Symbol : E


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn