Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC8201 Datasheet(PDF) 16 Page - Vitesse Semiconductor Corporation

Part # VSC8201
Description  Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8201 Datasheet(HTML) 16 Page - Vitesse Semiconductor Corporation

Back Button VSC8201 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 20Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
VSC8201DL
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 16 of 21 -
Serial Management Interface
The VSC8201 contains a standard Serial Management Interface (SMI) as defined by IEEE standards. This interface consists of the fol-
lowing signals:
It is important to note that both MDIO and MDINT# signals are configured as open drain, and thus require an external pullup resistor.
Only a single pullup resistor on each signal is needed for the system, regardless of the number of devices. For MDINT# a single 10kohm
system pullup resistor is sufficient.
Unlike MDINT#, the value of the pullup needed for MDIO must be chosen to match the characteristics of the system. Of critical impor-
tance is the rise time needed to charge the total capacitive load on the MDIO up to logic ‘1’ through the pullup resistor. This constant is
defined simply as:
In most cases the number of devices on the bus will be 1. But in the case where more devices are added to the bus, the rise time
increases due to the increased bus capacitance. In order to lower the rise time, a smaller resistor value must be used. However, if too
small of a value is used, devices will be unable to transition the bus to a logic ‘0’. This occurs when the current sinking capability of the
pins in a logic ‘0’ state is exceeded. For the VSC8201, the MDIO input capacitance is 5pF, and the maximum current sinking capacity is
10mA.
Typical values are given below:
For MDC frequencies of 2.5MHz and below, a 2k pullup resistor should suffice for most applications.This assumes the input capaci-
tance of each device is between 5-10pF and that each device can sink 1.65mA of current in the MDIO pin.
For faster MDC frequencies (>2.5MHz), a smaller pullup is necessary. The smallest recommended pullup resistor for use with the
VSC8201 is 470
.
Table 6: Serial Management Interface Pins
Signal Name
Type
Description
MDC
Input
Management Data Clock. A 0 to 25MHz reference input used to clock serial MDIO data into
and out of the VSC8201. The expected nominal frequency is 2.5MHz, as specified by the IEEE
standard. This clock is typically asynchronous with respect to the PHY’s transmit or receive
clock.
MDIO
Open Drain
Management Data I/O. MDIO configuration and status data is exchanged on this pin bidirec-
tionally between the PHY and the Station Manager, synchronously to the rising edge of MDC.
This pin normally requires a 1.5kΩ to 2kΩ external pull-up resistor at the Station Manager. The
value of the pull-up resistor depends on the MDC clock frequency and the maximum capacitive
load on the MDIO pin.
MDINT#
Open Drain
Management Data Interrupt Output. This open drain, active low output signal indicates a
change in the PHY’s link operating conditions for which a station manager must interrogate to
determine further information. This pin should be pulled up to VDDIO at the Station Manager or
controller through an external 10kΩ pull-up resistor.
τ
RpuCtotal
=


Similar Part No. - VSC8201

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
VSC8201 PULSE-VSC8201 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - VSC8201

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8558 VITESSE-VSC8558 Datasheet
236Kb / 2P
   Octal Port 10/100/1000BASE-T and 1000BASE-X PHY
VSC8538XHJ VITESSE-VSC8538XHJ Datasheet
252Kb / 2P
   Octal Port 10/100/1000BASE-T PHY
logo
Microsemi Corporation
VSC8658 MICROSEMI-VSC8658 Datasheet
703Kb / 95P
   Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
Revision 4.1
logo
Vitesse Semiconductor C...
VSC8211 VITESSE-VSC8211 Datasheet
470Kb / 2P
   Single Port 10/100/1000BASE-T PHY and 1000BASE-X PHY with SGMII, SerDes, GMII, MII, TBI, RGMII / RTBI MAC Interfaces
VSC8224HG VITESSE-VSC8224HG Datasheet
695Kb / 2P
   Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces
VSC8224 VITESSE-VSC8224 Datasheet
435Kb / 2P
   Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces
logo
Microsemi Corporation
VSC8221 MICROSEMI-VSC8221 Datasheet
1Mb / 138P
   Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
logo
Level One
GVT-2000 LVL1-GVT-2000 Datasheet
646Kb / 4P
   10/100/1000BASE-T to 1000BASE-X SFP Converter
logo
Micrel Semiconductor
KSZ9021RL MICREL-KSZ9021RL Datasheet
67Kb / 2P
   Single-port 10/100/1000Base-T Gigabit Transceiver
logo
Dongguan Xinkang Electr...
QT24A12 TNK-QT24A12 Datasheet
60Kb / 1P
   10/100/1000Base-T Single Port Transformer Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com