Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCN1-10+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # TCN1-10+
Description  Ceramic RF Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TCN1-10+ Datasheet(HTML) 1 Page - Mini-Circuits

  TCN1-10+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Ratings
Pin Connections
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Input RF Power**
5W
Demo Board MCL P/N: TB-287
Suggested PCB Layout (PL-163)
Applications
Outline Dimensions (
)
inch
mm
• TDMA, CDMA
• GSM
• PDC
• WAN
• TACS
• AMPS, NAMPS
• wideband, 680 to 1050 MHz
• miniature size .12"x.06"x.035
• LTCC construction
• low cost
PRIMARY DOT
4
PRIMARY(GND)
2,5
SECONDARY DOT
1
SECONDARY
6
NOT USED
3
CASE STYLE: FV1206-1
PRICE: $ 1.99 ea. QTY (10-49)
$ 1.69 ea. QTY (100)
** derate linearly to 2.5 W at 100°C
configuration G
Electrical Specifications (T
AMB=25°C)
RATIO
FREQUENCY
(MHz)
INSERTION*
LOSS
(dB)
PHASE
UNBALANCE
(Deg.)
Typ.
AMPLITUDE
UNBALANCE
(dB)
Typ.
1
680-1050
0.9
4.0
0.7
800-900
0.7
1.0
0.25
* Insertion Loss is referenced to mid-band loss, 0.6 dB
Outline Drawing
TCN1-10
INSERTION LOSS
0.5
0.7
0.9
1.1
1.3
650
750
850
950
1050
FREQUENCY (MHz)
TCN1-10
AMPLITUDE UNBALANCE
0
0.2
0.4
0.6
0.8
1
650
750
850
950
1050
FREQUENCY (MHz)
TCN1-10
PHASE UNBALANCE
0
2
4
6
8
10
650
750
850
950
1050
FREQUENCY (MHz)
Typical Performance Data
A
B
C
D
E
F
.126
.063
.037
.024
.022
.012
3.20
1.60
0.94
0.61
0.56
0.30
G
H
J
K
wt
.039
.042
.024
.123
grams
0.99
1.07
0.61
3.12
.020
FREQUENCY
(MHz)
INSERTION LOSS
(dB)
INPUT
R. LOSS
(dB)
AMPLITUDE
UNBALANCE
(dB)
PHASE
UNBALANCE
(deg.)
680.00
0.64
14.50
0.76
6.82
700.00
0.66
14.07
0.65
5.94
750.00
0.72
13.10
0.39
3.94
800.00
0.77
12.43
0.15
2.29
850.00
0.83
11.83
0.08
0.97
900.00
0.89
11.36
0.29
0.23
950.00
0.95
10.99
0.49
1.01
990.00
1.00
10.71
0.64
1.48
1000.00
1.01
10.64
0.68
1.54
1050.00
1.07
10.39
0.85
1.78
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
See our web site for RoHS Compliance methodologies
and qualifications.
New!
50
Ω 680 to 1050 MHz
RF Transformer
Ceramic
INTERNET
http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits®
Mini-Circuits ISO 9001 & ISO 14001 Certified
REV. A
M101913
TCN1-10
ED-11687/1
DJ/RS/CP
051115
TCN1-10+
TCN1-10


Similar Part No. - TCN1-10+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCN1-10++ MINI-TCN1-10+ Datasheet
217Kb / 1P
   Ceramic Balun RF Transformer
More results

Similar Description - TCN1-10+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCN4-13 MINI-TCN4-13 Datasheet
234Kb / 1P
   Ceramic RF Transformer
TCN4-22++ MINI-TCN4-22+ Datasheet
226Kb / 1P
   Ceramic Balun RF Transformer
TCN1-10++ MINI-TCN1-10+ Datasheet
217Kb / 1P
   Ceramic Balun RF Transformer
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
   RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
   RF Transformer
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
   RF Transformer
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
   RF TRANSFORMER
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
   RF TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com