Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C6T144C6 Datasheet(PDF) 17 Page - Altera Corporation

Part # EP1C6T144C6
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C6T144C6 Datasheet(HTML) 17 Page - Altera Corporation

Back Button EP1C6T144C6 Datasheet HTML 13Page - Altera Corporation EP1C6T144C6 Datasheet HTML 14Page - Altera Corporation EP1C6T144C6 Datasheet HTML 15Page - Altera Corporation EP1C6T144C6 Datasheet HTML 16Page - Altera Corporation EP1C6T144C6 Datasheet HTML 17Page - Altera Corporation EP1C6T144C6 Datasheet HTML 18Page - Altera Corporation EP1C6T144C6 Datasheet HTML 19Page - Altera Corporation EP1C6T144C6 Datasheet HTML 20Page - Altera Corporation EP1C6T144C6 Datasheet HTML 21Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 94 page
background image
Altera Corporation
17
Preliminary Information
Cyclone FPGA Family Data Sheet
Clear & Preset Logic Control
LAB-wide signals control the logic for the register’s clear and preset
signals. The LE directly supports an asynchronous clear and preset
function. The register preset is achieved through the asynchronous load of
a logic high. The direct asynchronous preset does not require a NOT-gate
push-back technique. Cyclone devices support simultaneous preset/
asynchronous load and clear signals. An asynchronous clear signal takes
precedence if both signals are asserted simultaneously. Each LAB
supports up to two clears and one preset signal.
In addition to the clear and preset ports, Cyclone devices provide a chip-
wide reset pin (DEV_CLRn) that resets all registers in the device. An option
set before compilation in the Quartus II software controls this pin. This
chip-wide reset overrides all other control signals.
MultiTrack
Interconnect
In the Cyclone architecture, connections between LEs, M4K memory
blocks, and device I/O pins are provided by the MultiTrack interconnect
structure with DirectDriveTM technology. The MultiTrack interconnect
consists of continuous, performance-optimized routing lines of different
speeds used for inter- and intra-design block connectivity. The Quartus II
Compiler automatically places critical design paths on faster
interconnects to improve design performance.
DirectDrive technology is a deterministic routing technology that ensures
identical routing resource usage for any function regardless of placement
within the device. The MultiTrack interconnect and DirectDrive
technology simplify the integration stage of block-based designing by
eliminating the re-optimization cycles that typically follow design
changes and additions.
The MultiTrack interconnect consists of row and column interconnects
that span fixed distances. A routing structure with fixed length resources
for all devices allows predictable and repeatable performance when
migrating through different device densities. Dedicated row
interconnects route signals to and from LABs, PLLs, and M4K memory
blocks within the same row. These row resources include:
Direct link interconnects between LABs and adjacent blocks
R4 interconnects traversing four blocks to the right or left
The direct link interconnect allows an LAB or M4K memory block to drive
into the local interconnect of its left and right neighbors. Only one side of
a PLL block interfaces with direct link and row interconnects. The direct
link interconnect provides fast communication between adjacent LABs
and/or blocks without using row interconnect resources.


Similar Part No. - EP1C6T144C6

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C6T144C6ES ALTERA-EP1C6T144C6ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C6T144C6

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com