Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SDXL005 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. SDXL005
Description  Compensated Pressure Sensors in a DIP Package
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

SDXL005 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SDXL005, SDXL010
Compensated Pressure Sensors in a DIP Package
January 1998/041
Aubinger Weg 27, 82178 Puchheim, Germany
Phone 0049 - (0) 89 80 08 30, Fax 0049 - (0) 89 8 00 83 33
http://www.sensortechnics.com
PERFORMANCE CHARACTERISTICS1
Min.
24.5
-1.0
---
---
---
---
---
---
0.75
---
---
Max.
25.5
+1.0
±1.0
±2.0
±0.6
±0.5
---
---
5.5
---
---
Typ.
25.0
0
±0.2
±0.4
±0.2
±0.2
20.0
7.0
3.0
1
±0.1
Unit
mV
mV
%FSO
%FSO
mV
%FSO
k
V
DC
msec
%FSO
Characteristics
Full scale span2
Zero pressure offset
Combined linearity & hysteresis3
Temp. effect on span (0 - 50°C)4
Temp. effect on offset (0 - 50°C)4
Repeatability5
Input impedance6
Output impedance7
Common mode voltage8
Response time9
Long term stability of offset and span10
GENERAL DISCUSSION
The SDXL series devices give a voltage output which is directly
proportional to applied pressure. The gage devices will give an
increasing positive going output when increasing pressure is applied
to the pressure port. The devices are ratiometric to the supply
voltage and changes in the supply voltage will cause proportional
changes in the offset voltage and full scale span.
PNEUMATIC INTERFACE
The DIP also provides convenient mounting and pressure ports for
ease of use with standard 1/16" ID, 1/8" OD, 1/32" wall, flexible
plastic tubing for pressure connection.
The small tubing has several advantages over larger tubing
commonly used with pressure sensors:
1)
The tubing can be formed in a much smaller radius
without kinking.
2)
The tubing is easier to handle
3)
The tubing is available in a variety of colors such as clear,
white, yellow, blue, green, etc. to enable color coding of
pneumatic circuits with multiple pressure sensors in the same
way that wiring harnesses are color coded in electrical circuits.
This greatly simplifies troubleshooting.
4)
Less stress is placed on the pressure sensor package resulting
in less potential for offset shifts.
5)
Less physical space is required for the small tubing
6)
The lower volume of air in the small tubing results in faster
pressure sensor response.
USER CALIBRATION
The SDXL devices are fully calibrated for offset and span and
should therefore require little user adjustment in most applications.
For more precise span and offset adjustments, contact the factory.
MEDIA COMPATIBILITY
SDXL devices are compatible with most non-corrosive gases. For
questions concerning media compatibility, contact the factory.
APPLICATION INFORMATION
Application information found in the Section "Application Notes"
and on the SCX-Series data sheet in the Sensortechnics pressure
sensors, transducers and transmitters handbook.
PRESSURE SENSOR CHARACTERISTICS (all devices)
Maximum Ratings
Supply Voltage V
S
+20 V
DC
Lead Temperature (soldering 4 sec.)
250°C
Environmental Specifications
Temperature Ranges
Compensated
0°C to 50°C
Operating
-40°C to +85°C
Storage
-55°C to +125°C
Humidity Limits
0 to 98% RH
STANDARD PRESSURE RANGES
Part number
SDXL005
SDXL010
Operating pressure
0 - 5 in.H
2
O
0 - 10 in. H
2O
Proof pressure
200 in.H
2
O
200 in. H
2O
Burst pressure
10 psi
10 psi
Common mode
pressure
50 psig
50 psig


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn