Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCH2817 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # SCH2817
Description  MOSFET , SBD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SCH2817 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  SCH2817 Datasheet HTML 1Page - Sanyo Semicon Device SCH2817 Datasheet HTML 2Page - Sanyo Semicon Device SCH2817 Datasheet HTML 3Page - Sanyo Semicon Device SCH2817 Datasheet HTML 4Page - Sanyo Semicon Device SCH2817 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SCH2817
No.8155-3/5
PW=10µs
D.C.
≦1%
P.G
50Ω
G
S
D
ID=1A
RL=10Ω
VDD=10V
VOUT
SCH2817
VIN
4V
0V
VIN
スイッチングタイム測定回路図
trr 指定回路図
(MOSFET 部)
(SBD 部)
Duty
≦10%
50Ω
100Ω
10Ω
--5V
trr
10µs
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
--60
--40
--20
0
20
40
60
80
100
120
140
160
02
13
4
6
7
8
59
10
ゲート・ソース電圧, VGS -- V
RDS(on) -- VGS
IT08579
0
0
0.4
0.8
1.6
0.2
1.2
0
50
100
150
200
250
300
350
400
0
0.4
0.6
0.8
0.1
0.3
0.5
0.7
ドレイン・ソース電圧, VDS -- V
ID -- VDS
IT08577
0
0.2
0.4
0.6
1.0
0.8
1.2
1.4
1.6
2.0
1.8
ゲート・ソース電圧, VGS -- V
ID -- VGS
IT08578
周囲温度, Ta -- °C
RDS(on) -- Ta
IT08580
50
100
150
200
250
300
350
400
0
ID=0.8A,
VGS
=4.0V
ID=0.4A,
VGS
=2.5V
ID=0.1A,
VGS
=1.8V
VDS=10V
ID=0.1A
0.8A
Ta=25°C
[MOSFET部]
[MOSFET部]
[MOSFET部]
[MOSFET部]
1.5V
VGS=1.0V
0.4A


Similar Part No. - SCH2817

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SCH2817 SANYO-SCH2817 Datasheet
50Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2817 SANYO-SCH2817_07 Datasheet
50Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
More results

Similar Description - SCH2817

ManufacturerPart #DatasheetDescription
logo
Rohm
QS5U26 ROHM-QS5U26_1 Datasheet
107Kb / 5P
   2.5V Drive PchSBD MOSFET
TT8U1 ROHM-TT8U1_09 Datasheet
236Kb / 6P
   1.5V Drive Pch SBD MOSFET
US6U37 ROHM-US6U37 Datasheet
134Kb / 5P
   2.5V Drive NchSBD MOSFET
ES6U42 ROHM-ES6U42 Datasheet
229Kb / 6P
   2.5V Drive PchSBD MOSFET
ES6U3 ROHM-ES6U3 Datasheet
209Kb / 5P
   4V Drive NchSBD MOSFET
US5U3 ROHM-US5U3_07 Datasheet
80Kb / 4P
   2.5V Drive NchSBD MOSFET
QS5U36 ROHM-QS5U36 Datasheet
139Kb / 6P
   1.5V Drive NchSBD MOSFET
ES6U41 ROHM-ES6U41_12 Datasheet
198Kb / 5P
   2.5V Drive NchSBD MOSFET
US5U30 ROHM-US5U30_1 Datasheet
94Kb / 5P
   2.5V Drive PchSBD MOSFET
QS5U33TR ROHM-QS5U33TR Datasheet
70Kb / 6P
   4V Drive Pch SBD MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com