Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1993 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SD1993
Description  Silicon NPN epitaxial planer type(For low-frequency and low-noise amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1993 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD1993 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1993 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
2SD1993
PC — Ta
IC — VCE
IC — VBE
VCE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
NF — IE
NV — IC
0
200
160
40
120
80
0
500
400
300
200
100
Ta=25˚C
Ambient temperature Ta (˚C)
012
10
8
26
4
0
120
100
80
60
40
20
Ta=25˚C
I
B=400µA
50
µA
350
µA
300
µA
250
µA
200
µA
150
µA
100
µA
Collector to emitter voltage V
CE
(V)
02.0
1.6
0.4
1.2
0.8
0
120
100
80
60
40
20
V
CE=5V
Ta=75˚C
–25˚C
25˚C
Base to emitter voltage V
BE
(V)
0.1
1
10
100
0.3
3
30
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
25˚C
–25˚C
Ta=75˚C
Collector current I
C
(mA)
0.1
1
10
100
0.3
3
30
0
1000
800
600
400
200
V
CE=5V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
–1
–3
–10
–30
–100
0
400
300
100
250
350
200
50
150
V
CB=5V
Ta=25˚C
Emitter current I
E
(mA)
1
3
10
30
100
0
10
8
6
4
2
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
–10
–30
–100
–300
–1000
0
8
6
2
5
7
4
1
3
V
CE=5V
R
g=1kΩ
Ta=25˚C
f=100Hz
10kHz
1kHz
Emitter current I
E
(
µA)
0.01
0.03
0.1
0.3
1
0
120
100
80
60
40
20
V
CE=10V
G
V=80dB
Function=FLAT
5k
R
g=100kΩ
22k
Collector current I
C
(
µA)


Similar Part No. - 2SD1993

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD1990 ETC1-2SD1990 Datasheet
282Kb / 3P
   Silicon NPN Triple-Diffused Planar Type
logo
Panasonic Semiconductor
2SD1991A PANASONIC-2SD1991A Datasheet
49Kb / 3P
   Silicon NPN epitaxial planer type
logo
Jiangsu Changjiang Elec...
2SD1991A JIANGSU-2SD1991A Datasheet
441Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
SHENZHEN KOO CHIN ELECT...
2SD1991A KOOCHIN-2SD1991A Datasheet
312Kb / 3P
   TRANSISTOR (NPN)
logo
Nanjing International G...
2SD1991A DGNJDZ-2SD1991A Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - 2SD1993

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2634 PANASONIC-2SC2634 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency and low-noise amplification)
2SC3312 PANASONIC-2SC3312 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency and low-noise amplification)
2SD661 PANASONIC-2SD661 Datasheet
51Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency and low-noise amplification)
2SB745 PANASONIC-2SB745 Datasheet
50Kb / 3P
   Silicon PNP epitaxial planer type(For low-frequency and low-noise amplification)
2SB1036 PANASONIC-2SB1036 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency and low-noise amplification)
2SD1030 PANASONIC-2SD1030 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1149 PANASONIC-2SD1149 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1458 PANASONIC-2SD1458 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1199 PANASONIC-2SD1199 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SC3311A PANASONIC-2SC3311A Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com