Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV1031-20 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV1031-20
Description  Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1031-20 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMV1031-20 Datasheet HTML 2Page - National Semiconductor (TI) LMV1031-20 Datasheet HTML 3Page - National Semiconductor (TI) LMV1031-20 Datasheet HTML 4Page - National Semiconductor (TI) LMV1031-20 Datasheet HTML 5Page - National Semiconductor (TI) LMV1031-20 Datasheet HTML 6Page - National Semiconductor (TI) LMV1031-20 Datasheet HTML 7Page - National Semiconductor (TI) LMV1031-20 Datasheet HTML 8Page - National Semiconductor (TI) LMV1031-20 Datasheet HTML 9Page - National Semiconductor (TI) LMV1031-20 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Physical Dimensions inches (millimeters)
unless otherwise noted
NOTE: UNLESS OTHERWISE SPECIFIED.
1. FOR SOLDER BUMP COMPOSITION, SEE "SOLDER INFORMATION" IN THE PACKAGING SECTION OF THE NATIONAL SEMICONDUCTOR WEB
PAGE (www.national.com).
2. RECOMMEND NON-SOLDER MASK DEFINED LANDING PAD.
3. PIN A1 IS ESTABLISHED BY LOWER LEFT CORNER WITH RESPECT TO TEXT ORIENTATION.
4. XXX IN DRAWING NUMBER REPRESENTS PACKAGE SIZE VARIATION WHERE X1 IS PACKAGE WIDTH, X2 IS PACKAGE LENGTH AND X3 IS
PACKAGE HEIGHT.
5. NO JEDEC REGISTRATION AS OF NOVEMBER 2004.
4-Bump Ultra Thin micro SMD with Large Dome Bump Technology
NS Package Number URA04JJA
X1 = 1.179 mm
X2 = 1.179 mm
X3 = 0.35 mm
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves
the right at any time without notice to change said circuitry and specifications.
For the most current product information visit us at www.national.com.
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS
WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL COUNSEL OF NATIONAL SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body, or
(b) support or sustain life, and whose failure to perform when
properly used in accordance with instructions for use
provided in the labeling, can be reasonably expected to result
in a significant injury to the user.
2. A critical component is any component of a life support
device or system whose failure to perform can be reasonably
expected to cause the failure of the life support device or
system, or to affect its safety or effectiveness.
BANNED SUBSTANCE COMPLIANCE
National Semiconductor manufactures products and uses packing materials that meet the provisions of the Customer Products
Stewardship Specification (CSP-9-111C2) and the Banned Substances and Materials of Interest Specification (CSP-9-111S2) and contain
no ‘‘Banned Substances’’ as defined in CSP-9-111S2.
Leadfree products are RoHS compliant.
National Semiconductor
Americas Customer
Support Center
Email: new.feedback@nsc.com
Tel: 1-800-272-9959
National Semiconductor
Europe Customer Support Center
Fax: +49 (0) 180-530 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 69 9508 6208
English
Tel: +44 (0) 870 24 0 2171
Français Tel: +33 (0) 1 41 91 8790
National Semiconductor
Asia Pacific Customer
Support Center
Email: ap.support@nsc.com
National Semiconductor
Japan Customer Support Center
Fax: 81-3-5639-7507
Email: jpn.feedback@nsc.com


Similar Part No. - LMV1031-20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV1031 TI1-LMV1031 Datasheet
726Kb / 12P
[Old version datasheet]   Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
LMV1031UR-20 TI1-LMV1031UR-20 Datasheet
726Kb / 12P
[Old version datasheet]   Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
LMV1031UR-20/NOPB TI1-LMV1031UR-20/NOPB Datasheet
872Kb / 15P
[Old version datasheet]   LMV1031-20 Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
LMV1031URX-20 TI1-LMV1031URX-20 Datasheet
726Kb / 12P
[Old version datasheet]   Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
LMV1031URX-20/NOPB TI1-LMV1031URX-20/NOPB Datasheet
872Kb / 15P
[Old version datasheet]   LMV1031-20 Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
More results

Similar Description - LMV1031-20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV1031 TI1-LMV1031 Datasheet
726Kb / 12P
[Old version datasheet]   Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
LMV1031 TI1-LMV1031_15 Datasheet
872Kb / 15P
[Old version datasheet]   LMV1031-20 Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
TLV1018 TI-TLV1018 Datasheet
620Kb / 12P
[Old version datasheet]   AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
LMV1032 TI1-LMV1032 Datasheet
840Kb / 14P
[Old version datasheet]   Amplifiers for 3-Wire Analog Electret Microphones
logo
National Semiconductor ...
LMV1032-06 NSC-LMV1032-06 Datasheet
793Kb / 12P
   Amplifiers for 3 Wire Analog Electret Microphones
LMV1032-06_0511 NSC-LMV1032-06_0511 Datasheet
802Kb / 12P
   Amplifiers for 3-Wire Analog Electret Microphones
logo
Texas Instruments
LMV1032 TI1-LMV1032_15 Datasheet
960Kb / 18P
[Old version datasheet]   LMV1032-25 Amplifiers for 3-Wire Analog Electret Microphones
TLV1012 TI-TLV1012_10 Datasheet
252Kb / 12P
[Old version datasheet]   AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
logo
Maxim Integrated Produc...
MAX11300PMB1 MAXIM-MAX11300PMB1 Datasheet
14Mb / 9P
   Internal or External Reference for ADC and DAC
Rev 2; 6/14
logo
Texas Instruments
LMV1012 TI1-LMV1012 Datasheet
1Mb / 21P
[Old version datasheet]   LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com