Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS9875KAC100 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FMS9875KAC100
Description  Triple 8-Bit, 108/140 MHz A/D Converter with Clamps and PLL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS9875KAC100 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FMS9875KAC100 Datasheet HTML 7Page - Fairchild Semiconductor FMS9875KAC100 Datasheet HTML 8Page - Fairchild Semiconductor FMS9875KAC100 Datasheet HTML 9Page - Fairchild Semiconductor FMS9875KAC100 Datasheet HTML 10Page - Fairchild Semiconductor FMS9875KAC100 Datasheet HTML 11Page - Fairchild Semiconductor FMS9875KAC100 Datasheet HTML 12Page - Fairchild Semiconductor FMS9875KAC100 Datasheet HTML 13Page - Fairchild Semiconductor FMS9875KAC100 Datasheet HTML 14Page - Fairchild Semiconductor FMS9875KAC100 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
FMS9875
PRODUCT SPECIFICATION
REV. 1.2.15 1/14/02
11
Within the A/D converter core are the following elements:
1.
Differential track and hold.
2.
Differential analog-to-digital converter.
Setting the gain register value G7-0 (GRP7-0, GGY7-0, GBP7-0),
establishes the gain D/A converter voltage which is the upper
A/D reference voltage. Increasing the gain register value
reduces the output level. Conversion range is defined by the gain
setting according to Table 5.
Table 5. Gain Calibration
A/D Converter sensitivity is:
Offset is set through the Track and Hold, which translates the
ground referenced input to a differential voltage centered
around A/D common mode bias voltage.
The 6-bit Offset D/A converter injects a current into RLEVEL
with two components:
1.
IBIAS to establish the A/D common mode voltage.
2.
IOFFSET to set the offset from the common mode level.
Voltage offset from the common mode voltage at the invert-
ing input of the Track and Hold is:
D/A converter gain tracks A/D gain with 1 LSB of offset
corresponding to 1LSB of gain. Increasing the offset of a
video signal increases brightness of the picture. Data output
from the A/D converter is:
Impact of the offset values OSGY5-0, OSBP5-0, and OSRP5-0
is shown in Table 6.
Table 6. Offset Calibration
Sampling Clock PHASE Adjustment
Bandwidth of TV video is typically well below the horizon-
tal sampling rate. Consequently, PHASE has little impact on
images sampled in the YPBPR format or RGB signals derived
from a video source. By contrast, PC-generated image
quality is strongly impacted by the PHASE4-0 value. If
PHASE is not set correctly, any section of an image
consisting of vertical lines may exhibit tearing.
Figure 3 shows how an analog input, VIN is sampled by the
rising edge of SCK after a delay PHASE from the rising
edge of either PXCK or XCK. SCK can be delayed up to 32
steps in 11.25° increments by adjusting the register value,
PHASE4-0.
G7-0
Conversion Range (mV)
0
500
102
700
255
1000
S
255
500
---------
=
255
255
G
70
+
-----------------------------LSB mV
OS5-0
Equivalent Offset (bits)
0
-31d
31
0
63
32d
V
OS
OS
50
31
()
255
G
70
+
255
-----------------------------
500
255
---------
=
D
70
SV
IN
OS
50
31
()
=
Figure 2. A/D Converter Architecture
A/D
D7-0
VIN
+
-
D/A
Current
D/A
Gain
Register
Offset
Register
RLEVEL
SCK
IBIAS + IOFFSET
VREF
G7-0
OS5-0
Track &
Hold
A/D Core


Similar Part No. - FMS9875KAC100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS9874 FAIRCHILD-FMS9874 Datasheet
172Kb / 25P
   Graphics Digitizer - 3x8-Bit, 108Ms/s Triple Video A/D Converter with Clamps
FMS9874KGC100 FAIRCHILD-FMS9874KGC100 Datasheet
172Kb / 25P
   Graphics Digitizer - 3x8-Bit, 108Ms/s Triple Video A/D Converter with Clamps
More results

Similar Description - FMS9875KAC100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS9884A FAIRCHILD-FMS9884A Datasheet
238Kb / 29P
   3x8-Bit, 108/140/175 Ms/s Triple Video A/D Converter with Clamps
TMC1103 FAIRCHILD-TMC1103 Datasheet
86Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC1103X50 FAIRCHILD-TMC1103X50 Datasheet
87Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
logo
Cadeka Microcircuits LL...
TMC1103 CADEKA-TMC1103 Datasheet
187Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
logo
Analog Devices
AD9483 AD-AD9483 Datasheet
319Kb / 26P
   Triple 8-Bit, 140 MSPS A/D Converter
REV. A
AD9483 AD-AD9483_15 Datasheet
398Kb / 28P
   Triple 8-Bit, 140 MSPS A/D Converter
REV. C
logo
Fujitsu Component Limit...
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
   8-bit 140 MSPS A/D Converter
MB40C318V FUJITSU-MB40C318V Datasheet
171Kb / 16P
   8-bit 140 MSPS A/D Converter
logo
STMicroelectronics
STV8438CV STMICROELECTRONICS-STV8438CV Datasheet
105Kb / 9P
   TRIPLE 8-BIT D/A CONVERTER
July 1995
logo
Murata Power Solutions ...
ADC-316 MURATA-PS-ADC-316 Datasheet
1Mb / 4P
   6-BIT, 140 MHz FLASH A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com