Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9952 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9952
Description  10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9952 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9952 Datasheet HTML 4Page - NXP Semiconductors TDA9952 Datasheet HTML 5Page - NXP Semiconductors TDA9952 Datasheet HTML 6Page - NXP Semiconductors TDA9952 Datasheet HTML 7Page - NXP Semiconductors TDA9952 Datasheet HTML 8Page - NXP Semiconductors TDA9952 Datasheet HTML 9Page - NXP Semiconductors TDA9952 Datasheet HTML 10Page - NXP Semiconductors TDA9952 Datasheet HTML 11Page - NXP Semiconductors TDA9952 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
2002 Aug 21
8
Philips Semiconductors
Preliminary specification
10-bit, 3.0 V, 25 Msps analog-to-digital
interface for CCD cameras
TDA9952
CHARACTERISTICS
VCCA =VCCD = 3.0 V; VCCO = 2.5 V; fpix = 25 MHz; Tamb = −20 to +75 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCCA
analog supply voltage
2.7
3.0
3.6
V
VCCD
digital supply voltage
2.7
3.0
3.6
V
VCCO
digital outputs supply
voltage
2.2
2.5
3.6
V
ICCA
analog supply current
all clamps active
43
mA
ICCD
digital supply current
2.0
mA
ICCO
digital outputs supply
current
CL = 10 pF on all data
outputs; input ramp of
800
µs duration
0.5
mA
Ptot
total power consumption
VCCA =VCCD =3V;
VCCO = 2.5 V
135
mW
VCCA =VCCD = 2.7 V;
VCCO = 2.2 V
115
mW
standby mode
4.5
mW
Digital inputs
PINS SHP, SHD AND CLK (REFERENCED TO DGND)
VIL
LOW-level input voltage
0
0.8
V
VIH
HIGH-level input voltage
2.0
5.5
V
Ii
input current
0
≤ Vi ≤ 5.5 V
−3
+3
µA
Ci
input capacitance
−−
2pF
PINS CLPDM, CLPOB, SEN, SCLK, SDATA STBY, OE, BLK AND VSYNC
VIL
LOW-level input voltage
0
0.8
V
VIH
HIGH-level input voltage
2.0
5.5
V
Ii
input current
0
≤ Vi ≤ 5.5 V
−2
+2
µA
Clamps
GLOBAL CHARACTERISTICS OF THE CLAMP LOOPS
tW(clamp)
clamp active pulse width in
number of pixels
PGA code = 383 for
maximum 6 LSB error for a
CPCDS capacitance
of 1
µF; clamp code = 32
15
−−
pixels
INPUT CLAMP (DRIVEN BY CLPDM)
gm(CDS)
CDS input clamp
transconductance
15
mS


Similar Part No. - TDA9952

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9950 NXP-TDA9950 Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
TDA9950TT NXP-TDA9950TT Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
TDA9951 PHILIPS-TDA9951 Datasheet
199Kb / 41P
   CEC/I2C-bus translator
Rev. 01-7 August 2008
TDA9955HL NXP-TDA9955HL Datasheet
236Kb / 52P
   Triple 8-bit analog-to-digital video converter for HDTV
Rev. 01-17 March 2008
More results

Similar Description - TDA9952

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com