Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT49FCT805BTDPYB Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT49FCT805BTDPYB
Description  FAST CMOS BUFFER/CLOCK DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49FCT805BTDPYB Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT49FCT805BTDPYB Datasheet HTML 1Page - Integrated Device Technology IDT49FCT805BTDPYB Datasheet HTML 2Page - Integrated Device Technology IDT49FCT805BTDPYB Datasheet HTML 3Page - Integrated Device Technology IDT49FCT805BTDPYB Datasheet HTML 4Page - Integrated Device Technology IDT49FCT805BTDPYB Datasheet HTML 5Page - Integrated Device Technology IDT49FCT805BTDPYB Datasheet HTML 6Page - Integrated Device Technology IDT49FCT805BTDPYB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
IDT49FCT805BT/CT
FAST CMOSBUFFER/CLOCKDRIVER
MILITARYANDCOMMERCIALTEMPERATURERANGES
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Commercial: TA = 0°C to +70°C, Military: TA = -55°C to +125°C, VCC = 5V ± 10%
Symbol
Parameter
TestConditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2
V
VIL
Input LOW Level
GuaranteedLogicLOWLevel
0.8
V
IIH
Input HIGH Current(5)
VCC = Max.
VI = 2.7V
±1µA
IIL
InputLOWCurrent(5)
VCC = Max.
VI = 0.5V
±1µA
IOZH
HighImpedanceOutputCurrent
VCC = Max.
VO = 2.7V
±1µA
IOZL
(3-StateOutputPins)
VO = 0.5V
±1
II
Input HIGH Current
VCC = Max., VI = VCC (Max.)
±1µA
VIK
ClampDiodeVoltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
IOS
ShortCircuitCurrent
VCC = Max., VO = GND(3)
–60
–120
–255
mA
VCC = Min.
IOH = –12mA MIL
2.4
3.3
V
VOH
Output HIGH Voltage
VIN = VIH or VIL
IOH = –15mA COM'L
IOH = –24mA MIL
2
3
V
IOH = –32mA COM'L(4)
VOL
OutputLOWVoltage
VCC = Min.
IOL = 32mA MIL
0.3
0.55
V
VIN = VIH or VIL
IOL = 48mA COM'L
IOFF
Input/OutputPowerOffLeakage(5)
VCC = 0V, VIN or VO
≤ 4.5V
±1µA
VH
Input Hysteresis for all inputs
150
mV
ICCL
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
5
500
µA
ICCH
ICCZ
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5V, +25°C ambient.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Duration of the condition should not exceed one second.
5. The test limit for this parameter is ±5µA at TA = -55°C.


Similar Part No. - IDT49FCT805BTDPYB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT805BTD IDT-IDT49FCT805BTD Datasheet
125Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805BTDB IDT-IDT49FCT805BTDB Datasheet
125Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
More results

Similar Description - IDT49FCT805BTDPYB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT805BT RENESAS-IDT49FCT805BT Datasheet
243Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT74FCT810BT IDT-IDT74FCT810BT Datasheet
107Kb / 6P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805 IDT-IDT49FCT805 Datasheet
126Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806 IDT-IDT49FCT806_09 Datasheet
74Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805APY IDT-IDT49FCT3805APY Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
74FCT810T RENESAS-74FCT810T Datasheet
224Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT49FCT805BT IDT-IDT49FCT805BT Datasheet
125Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT805T PERICOM-PI49FCT805T Datasheet
421Kb / 8P
   Fast CMOS Buffer/Clock Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com