Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL5252B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LL5252B
Description  Zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LL5252B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LL5252B Datasheet HTML 1Page - List of Unclassifed Manufacturers LL5252B Datasheet HTML 2Page - List of Unclassifed Manufacturers LL5252B Datasheet HTML 3Page - List of Unclassifed Manufacturers LL5252B Datasheet HTML 4Page - List of Unclassifed Manufacturers LL5252B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LL5221B~LL5271B
Excel Semiconductor
www.excel-semi.com
Rev. 3b, 1-Jul-2004
FaxBack +86-512-67606917
4/5
Figure 3. Zener Voltage versus Zener Current – Vz=30 thru 75 Volts
Figure 4. Thermal resistance from junction to ambient as a function of pulse duration


Similar Part No. - LL5252B

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LL5252B FCI-LL5252B Datasheet
181Kb / 2P
   쩍 Watt ZENER DIODES (2.4V to 62V) Mechanical Dimensions
logo
Yangzhou yangjie electr...
LL5252B YANGJIE-LL5252B Datasheet
737Kb / 2P
   Zener diode
logo
RFE international
LL5252B RFE-LL5252B Datasheet
70Kb / 1P
   SURFACE MOUNT Zener Diodes
logo
Zibo Seno Electronic En...
LL5252B ZSELEC-LL5252B Datasheet
1Mb / 4P
   500mW SURFACE MOUNT ZENER DIODE
More results

Similar Description - LL5252B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com