Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SD1895 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. 2SD1895
Description  Silicon NPN triple diffusion planar type Darlington(For power amplification)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1895 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD1895 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1895 Datasheet HTML 2Page - Panasonic Semiconductor 2SD1895 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SD1895
Silicon NPN triple diffusion planar type Darlington
For power amplification
Complementary to 2SB1255
s Features
q
Optimum for 90W HiFi output
q
High foward current transfer ratio hFE: 5000 to 30000
q
Low collector to emitter saturation voltage VCE(sat): <2.5V
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
160
140
5
15
8
100
3
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to emitter voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
ICEO
IEBO
VCEO
hFE1
hFE2
*
VCE(sat)
VBE(sat)
fT
ton
tstg
tf
Conditions
VCB = 160V, IE = 0
VCE = 140V, IB = 0
VEB = 5V, IC = 0
IC = 30mA, IB = 0
VCE = 5V, IC = 1A
VCE = 5V, IC = 7A
IC = 7A, IB = 7mA
IC = 7A, IB = 7mA
VCE = 10V, IC = 0.5A, f = 1MHz
IC = 7A, IB1 = 7mA, IB2 = –7mA,
VCC = 50V
min
140
2000
5000
typ
20
2.0
6.0
1.2
max
100
100
100
30000
2.5
3.0
Unit
µA
µA
µA
V
V
V
MHz
µs
µs
µs
*h
FE2 Rank classification
Rank
Q
P
hFE2
5000 to 15000 8000 to 30000
TC=25°C
Ta=25
°C
Unit: mm
Internal Connection
1:Base
2:Collector
3:Emitter
TOP–3 Full Pack Package(a)
15.0
±0.3
5.0
±0.2
11.0
±0.2
10.9
±0.5
5.45
±0.3
3
2
1
1.1
±0.1
2.0
±0.2
0.6
±0.2
2.0
±0.1
φ3.2±0.1
3.2
B
E
C


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn