Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M391T2953CZ0-CD5 Datasheet(PDF) 20 Page - Samsung semiconductor

Part # M391T2953CZ0-CD5
Description  DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M391T2953CZ0-CD5 Datasheet(HTML) 20 Page - Samsung semiconductor

Back Button M391T2953CZ0-CD5 Datasheet HTML 14Page - Samsung semiconductor M391T2953CZ0-CD5 Datasheet HTML 15Page - Samsung semiconductor M391T2953CZ0-CD5 Datasheet HTML 16Page - Samsung semiconductor M391T2953CZ0-CD5 Datasheet HTML 17Page - Samsung semiconductor M391T2953CZ0-CD5 Datasheet HTML 18Page - Samsung semiconductor M391T2953CZ0-CD5 Datasheet HTML 19Page - Samsung semiconductor M391T2953CZ0-CD5 Datasheet HTML 20Page - Samsung semiconductor M391T2953CZ0-CD5 Datasheet HTML 21Page - Samsung semiconductor M391T2953CZ0-CD5 Datasheet HTML 22Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Rev. 1.2 Aug. 2005
256MB, 512MB, 1GB Unbuffered DIMMs
DDR2 SDRAM
2.50
Physical Dimensions: 64Mbx8 based 128Mx64/x72 Module(2 Ranks)
131.35
Units : Millimeters
133.35
1.270 ± 0.10
4.00
128.95
(2)
2.50
N/A
(for x64)
(for x72)
ECC
The used device is 64M x8 DDR2 SDRAM, FBGA.
DDR2 SDRAM Part NO : K4T51083QC
SPD
M378T2953CZ3 / M378T2953CZ0
1.00
0.20
Detail B
5.00
Detail A
4.00
1.50±0.10
0.80±0.05
4.00
3.80
3.00
4.00
A
B
63.00
55.00
30.00
N/A
(for x72)
(for x64)
ECC
M391T2953CZ3 / M391T2953CZ0


Similar Part No. - M391T2953CZ0-CD5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M391T2953BG0-CC SAMSUNG-M391T2953BG0-CC Datasheet
367Kb / 23P
   DDR2 Unbuffered SDRAM MODULE
M391T2953BG0-CD5/CC SAMSUNG-M391T2953BG0-CD5/CC Datasheet
367Kb / 23P
   DDR2 Unbuffered SDRAM MODULE
M391T2953BGZ0-CD5/CC SAMSUNG-M391T2953BGZ0-CD5/CC Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M391T2953BGZ3-CD5/CC SAMSUNG-M391T2953BGZ3-CD5/CC Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
More results

Similar Description - M391T2953CZ0-CD5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M393T6553CZ3 SAMSUNG-M393T6553CZ3 Datasheet
476Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb C-die 72-bit ECC
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
M393T6553BG SAMSUNG-M393T6553BG Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Samsung semiconductor
M470T3354CZ3 SAMSUNG-M470T3354CZ3 Datasheet
328Kb / 18P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 512Mb C-die 64bit Non-ECC
M368L3324DUS SAMSUNG-M368L3324DUS Datasheet
463Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com