Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1304V-SPL Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1304V-SPL
Description  Single Coil Fan Motor Full Wave Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1304V-SPL Datasheet(HTML) 1 Page - Anachip Corp

  AP1304V-SPL Datasheet HTML 1Page - Anachip Corp AP1304V-SPL Datasheet HTML 2Page - Anachip Corp AP1304V-SPL Datasheet HTML 3Page - Anachip Corp AP1304V-SPL Datasheet HTML 4Page - Anachip Corp AP1304V-SPL Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AP1301/2/4/5
Single Coil Fan Motor Full Wave Driver
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 0.2 Apr. 16, 2004
1/5
Features
- Compatible to a Hall element
- Operating voltage (VCC) : 4V to 20V
- Lock shutdown and automatic restart
- Speed indication output (FG) named as AP1301/4
- Rotation detection output (RD) named as
AP1302/5
- Output current(AP1301/2) IO=500mA(max)
- Output current(AP1304/5) IO=350mA(max)
- Operating temperature (Topr) : -30ºC to +85ºC
- SOP-8L/ SOP-8L EP package
- Include Thermal Shutdown circuit
Application
- CPU cooling fans
General Description
The AP1304/5 is single phase full wave drive
design, which is suited for small fans (such as CPU
cooling fans). The low switching noise and effective
motor drive are another advantage. All functions,
including lock shutdown, automatic restart, rotation
detection (RD), and speed indication output (FG)
have been incorporated into one chip. When the
motor is under lock condition, lock shutdown
function turns off the output current. When the lock
condition is removed, the IC automatically restarts
and allows DC fan to run. In addition, the RD
function is to detect the motor status and the FG is
to provide the rotation speed.
The AP1301/2 are heat sink version of AP1304/5.
From function wise, AP1301 is the same as
AP1304, and AP1302 is the same as AP1305.
Pin Assignment
AP1301/2/4/5
3
4
8
7
6
5
2
1
IN+
IN-
OUT1
CT
GND
OUT2
VCC
RD/FG
( Top view )
SOP-8L
Pin Descriptions
Name
Description
VCC
Power input
IN+
Hall input
RD/FG Rotation detection / Speed indication
IN-
Hall input
GND
Ground
CT
Timing capacitor
OUT2
Driver output
OUT1
Driver output
Ordering Information
Function
Package
S: SOP-8L
SP: SOP-8L EP
AP130X X - X X X
Packing
Blank : Tube
A
: Taping
- RD output (1305)
- FG output (1304)
without heat sink
- RD output (1302)
- FG output (1301)
with heat sink
Blank: Normal
L: Lead Free
Lead
Wafer Body
Blank or
A~Z : if necessary
to specify


Similar Part No. - AP1304V-SPL

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
AP130 AMICC-AP130 Datasheet
92Kb / 8P
   1W Per Channel Stereo Class-D Audio Power Amplifier
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Diodes Incorporated
AP130 DIODES-AP130 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130 DIODES-AP130 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130 DIODES-AP130 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
More results

Similar Description - AP1304V-SPL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8063TT SANYO-LV8063TT Datasheet
112Kb / 8P
   Fan Motor Driver Single-Phase Full-Wave Driver
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
   Fan Motor Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB11862MC ONSEMI-LB11862MC Datasheet
152Kb / 6P
   Fan Motor Driver Single-Phase, Full-Wave
September 2015- Rev. 2
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LB11861MC-AH ONSEMI-LB11861MC-AH Datasheet
70Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com