Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1500WR-S-F-3P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A1500WR-S-F-3P
Description  1.50mm pitch wire to board connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A1500WR-S-F-3P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A1500WR-S-F-3P Datasheet HTML 1Page - List of Unclassifed Manufacturers A1500WR-S-F-3P Datasheet HTML 2Page - List of Unclassifed Manufacturers A1500WR-S-F-3P Datasheet HTML 3Page - List of Unclassifed Manufacturers A1500WR-S-F-3P Datasheet HTML 4Page - List of Unclassifed Manufacturers A1500WR-S-F-3P Datasheet HTML 5Page - List of Unclassifed Manufacturers A1500WR-S-F-3P Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TEL:886-2-8648-0379
FAX:886-2-8647-8373 E-MAIL:info@hr-connector.com.tw
C
B
A
67
A1500 SERIES
1.50mm pitch wire to board connector
Reference Informations:
*Used in H.R A1500 series Housing
A1500-T
1.50mm pitch Crimp Terminal
Part No.
A1500-TPe
Wire Range
AWG#26-#32
Insulation O.D.
1.10mm(max)
Material
Phosphor Bronze
Qty/reel
15,000pcs
Finish
Tin-plated
Ordering Information & Specifications:
Unit:mm
Note:e-Stamping before Tin-plated
Part No.
A1500-TPe-H
Wire Range
AWG#24-#30
Insulation O.D.
1.10mm(max)
Material
Phosphor Bronze
Qty/reel
15,000pcs
Finish
Tin-plated
Ordering Information & Specifications:
Unit:mm
Note:e-Stamping before Tin-plated
Reference Informations:
*Used in H.R A1500 series Housing
A1500-T 1.50mm pitch Crimp Terminal
SEC:A-A
SEC:B-B
SEC:A-A
SEC:B-B


Similar Part No. - A1500WR-S-F-3P

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
A1500-40-3X BARRY-A1500-40-3X Datasheet
134Kb / 1P
   BeO 15 dB FLANGED ATTENUATOR
Revision Date 11/24/08
logo
MicroPower Direct, LLC
A1500RU MPD-A1500RU Datasheet
272Kb / 2P
   15W Single & Dual Output DC/DC Converters
A1500RW MPD-A1500RW Datasheet
264Kb / 2P
   A1500RW SERIES
More results

Similar Description - A1500WR-S-F-3P

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5025780700 MOLEX11-5025780700 Datasheet
162Kb / 2P
   1.50mm (.059") Pitch CLIK-Mate??Wire-to-Board Housing
0639125000 MOLEX11-0639125000 Datasheet
32Kb / 1P
   T2 Terminator for 1.50mm Pitch Wire-to-Board Terminal
5031543290 MOLEX11-5031543290 Datasheet
538Kb / 6P
   1.50mm (.059") Pitch CLIK-Mate??Wire-to-Board PCB Receptacle
5025840970 MOLEX11-5025840970 Datasheet
600Kb / 7P
   1.50mm (.059") Pitch CLIK-Mate??Wire-to-Board PCB Receptacle
5031542890 MOLEX11-5031542890 Datasheet
539Kb / 6P
   1.50mm (.059") Pitch CLIK-Mate??Wire-to-Board PCB Receptacle
5031591300 MOLEX11-5031591300 Datasheet
233Kb / 3P
   1.50mm (.059") Pitch CLIK-Mate??Wire-to-Board PCB Receptacle
0639025000 MOLEX-0639025000 Datasheet
46Kb / 2P
   FineAdjust Applicator for 1.50mm Pitch Wire-to-Board Crimp Terminals
11/02/2021
63813-3700 MOLEX11-63813-3700 Datasheet
35Kb / 1P
   Extractor Tool for 1.50mm Pitch Wire-to-Board Crimp Terminal
0638133700 MOLEX-0638133700 Datasheet
34Kb / 3P
   Extractor Tool for 1.50mm Pitch Wire-to-Board Crimp Terminal
11/02/2021
63902-5000 MOLEX11-63902-5000 Datasheet
39Kb / 1P
   FineAdjust Applicator for 1.50mm Pitch Wire-to-Board Crimp Terminals
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com