Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FHP3130 Datasheet(PDF) 12 Page - Fairchild Semiconductor

Part # FHP3130
Description  Single, Dual, and Quad, High Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FHP3130 Datasheet(HTML) 12 Page - Fairchild Semiconductor

Back Button FHP3130 Datasheet HTML 8Page - Fairchild Semiconductor FHP3130 Datasheet HTML 9Page - Fairchild Semiconductor FHP3130 Datasheet HTML 10Page - Fairchild Semiconductor FHP3130 Datasheet HTML 11Page - Fairchild Semiconductor FHP3130 Datasheet HTML 12Page - Fairchild Semiconductor FHP3130 Datasheet HTML 13Page - Fairchild Semiconductor FHP3130 Datasheet HTML 14Page - Fairchild Semiconductor FHP3130 Datasheet HTML 15Page - Fairchild Semiconductor FHP3130 Datasheet HTML 16Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
www.fairchildsemi.com
12
FHP3130, FHP3230, FHP3430 Rev. 1A
Applications Information
General Description
The FHP3130 (single), FHP3230 (dual), and FHP3430 (quad)
are low cost, high performance, voltage feedback amplifiers that
consume only 2.5mA of supply current per channel while pro-
viding ±100mA of output current. These amplifiers are designed
to operate from 2.7V to 12V (±6V) supplies. The common mode
voltage range extends below the negative rail and the output
provides rail-to-rail performance.
The FHP3130, FHP3230, and FHP3430 are designed on a
complimentary bipolar process and provide 170MHz of band-
width and 110V/µs of slew rate at a supply voltage of ±5V. The
combination of low power, rail-to-rail performance, low voltage
operation, and tiny package options make these amplifiers well
suited for use in many general purpose high speed applications.
These amplifiers also provide excellent video specifications.
They offer extremely low differential gain and phase (0.008%/
0.01˚) and 0.1dB gain flatness to 16MHz for superb standard
definition video performance. Their output drive capability effort-
lessly supports 4 video loads.
Driving Capacitive Loads
The Frequency Response vs. CL plot on page 8, illustrates the
response of the FHP3230 Family. A small series resistance (Rs)
at the output of the amplifier, illustrated in Figure 27, will
improve stability and settling performance. Rs values in the
Frequency Response vs. CL plot were chosen to achieve maxi-
mum bandwidth with less than 1dB of peaking. For maximum
flatness, use a larger Rs.
Figure 27. Typical Topology for Driving
Capactive Loads
Power Dissipation
The maximum internal power dissipation allowed is directly
related to the maximum junction temperature. If the maximum
junction temperature exceeds 150°C for an extended time, device
failure may occur.
The FHP3130, FHP3230 and FHP3430 are short circuit protected.
However, this may not guarantee that the maximum junction
temperature (+150°C) is not exceeded under all conditions.
RMS Power Dissipation can be calculated using the following
equation:
Power Dissipation = Is * (Vs+ - Vs-) + (Vs+ - Vo(RMS)) * IOUT(RMS)
Where Is is the supply current, Vs+ is the positive supply pin
voltage, Vs- is the negative supply pin voltage, Vo(RMS) is the
RMS output voltage and IOUT(RMS) is the RMS output current
delivered to the load.
Follow the maximum power derating curves shown in Figure 28
below to ensure proper operation.
Figure 28. Maximum Power Derating
Overdrive Recovery
For an amplifier, an overdrive condition occurs when the output
and/or input ranges are exceeded. The recovery time varies
based on whether the input or output is overdriven and by how
much the ranges are exceeded. The FHP3130/3230/3430 will
typically recover in less than 50ns from an overdrive condition.
Figure 29 shows the FHP3230 in an overdriven condition.
Figure 29. Overdrive Recovery
Composite Video Summer
The bandwidth and differential gain/phase performance of the
FHP3130/3230/3430 amplifiers make them well suited for video
applications. Figure 30 shows a typical Composite Video Sum-
mer. The high output current capability allows for driving multi-
ple video loads. Figure 31 shows the resulting differential gain/
phase of this 3-amp configuration driving 4 video loads, 37.5Ω.
+
-
Rf
Rg
Rs
CL
RL
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
-40
Ambient Temperature (°C)
0
-20
0
20
40
60
80
TSSOP-14
SOIC-14
SOIC-8
MSOP-8
SOT23-5
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
Time (µs)
-0.5
0.2
0.6
0.4
0.8
10
1.2
1.4
1.6
1.8
Output
Input
Vs = 3V
G = 5
RL = 2k
Rf = 1k


Similar Part No. - FHP3130

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3130 FAIRCHILD-FHP3130 Datasheet
1Mb / 23P
   Single, Dual, and Quad, High-Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
FHP3130 FAIRCHILD-FHP3130 Datasheet
66Kb / 4P
   PCB Layout Considerations for Video Filter / Drivers
FHP3130IM8X FAIRCHILD-FHP3130IM8X Datasheet
1Mb / 23P
   Single, Dual, and Quad, High-Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
FHP3130IS5X FAIRCHILD-FHP3130IS5X Datasheet
1Mb / 23P
   Single, Dual, and Quad, High-Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
FHP3130 FAIRCHILD-FHP3130_06 Datasheet
1Mb / 23P
   Single, Dual, and Quad, High-Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
More results

Similar Description - FHP3130

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3130 FAIRCHILD-FHP3130_06 Datasheet
1Mb / 23P
   Single, Dual, and Quad, High-Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
FHP3132 FAIRCHILD-FHP3132 Datasheet
718Kb / 16P
   Single and Dual, High-Speed, Rail-to-Rail Amplifiers
FAN4230 FAIRCHILD-FAN4230 Datasheet
98Kb / 5P
   Dual, High Speed, 2.5V to 12V, Rail-to-Rail Amplifier
logo
Analog Devices
OP295 AD-OP295 Datasheet
328Kb / 12P
   DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV. B
OP295 AD-OP295_15 Datasheet
376Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
OP295 AD-OP295_06 Datasheet
399Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
OP495 AD-OP495_15 Datasheet
376Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
logo
National Semiconductor ...
LMV341 NSC-LMV341 Datasheet
694Kb / 17P
   Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
Texas Instruments
LMV341 TI1-LMV341 Datasheet
1Mb / 20P
[Old version datasheet]   Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
logo
National Semiconductor ...
LMV341-N NSC-LMV341-N Datasheet
1Mb / 28P
   Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125째C, Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com