Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM68V257C Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KM68V257C
Description  32Kx8 Bit High Speed Static RAM(3.3V Operating), Evolutionary Pin out.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM68V257C Datasheet(HTML) 1 Page - Samsung semiconductor

  KM68V257C Datasheet HTML 1Page - Samsung semiconductor KM68V257C Datasheet HTML 2Page - Samsung semiconductor KM68V257C Datasheet HTML 3Page - Samsung semiconductor KM68V257C Datasheet HTML 4Page - Samsung semiconductor KM68V257C Datasheet HTML 5Page - Samsung semiconductor KM68V257C Datasheet HTML 6Page - Samsung semiconductor KM68V257C Datasheet HTML 7Page - Samsung semiconductor KM68V257C Datasheet HTML 8Page - Samsung semiconductor KM68V257C Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
KM68V257C
CMOS SRAM
PRELIMINARY
Rev 3.0
- 1 -
February 1998
Document Title
32Kx8 Bit High Speed Static RAM(3.3V Operating), Evolutionary Pin out.
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the
specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this device. If you have any ques-
tions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
Rev No.
Rev. 0.0
Rev. 1.0
Rev. 2.0
Rev. 3.0
Remark
Preliminary
Final
Final
Final
History
Initial release with Preliminary.
Release to final Data Sheet.
1. Delete Preliminary
2.1. Add 28-TSOP1 Package.
3.1. Delete DIP Package.
3.2. Delete 20ns part
3.3. Add Capacitive load of the test environment in A.C test load
Draft Data
Jun. 1st, 1994
Oct. 4th, 1994
Feb. 22th, 1996
Feb. 25th, 1998


Similar Part No. - KM68V257C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
KM68V257E-12 SAMSUNG-KM68V257E-12 Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
KM68V257E-15 SAMSUNG-KM68V257E-15 Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
KM68V257E-20 SAMSUNG-KM68V257E-20 Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
KM68V257EI SAMSUNG-KM68V257EI Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
More results

Similar Description - KM68V257C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM68257C SAMSUNG-KM68257C Datasheet
190Kb / 10P
   32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range.
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
K6E0808C1C-C SAMSUNG-K6E0808C1C-C Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
KM6161002B SAMSUNG-KM6161002B Datasheet
197Kb / 9P
   64Kx16 Bit High Speed Static RAM(5.0V Operating), Revolutionary Pin out.
KM641001A SAMSUNG-KM641001A Datasheet
127Kb / 8P
   256Kx 4 High Speed Static RAM(5V Operating), Evolutionary Pin Out Operated at Commercial Temperature Range
K6R4016V1C-C SAMSUNG-K6R4016V1C-C Datasheet
190Kb / 11P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R4016V1D SAMSUNG-K6R4016V1D Datasheet
227Kb / 12P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R1004C1A SAMSUNG-K6R1004C1A Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com