Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HV2601 Datasheet(PDF) 6 Page - Supertex, Inc

Part No. HV2601
Description  Low Charge Injection 16-Channel High Voltage Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUTEX [Supertex, Inc]
Homepage  http://www.supertex.com
Logo 

HV2601 Datasheet(HTML) 6 Page - Supertex, Inc

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
NR101705
HV2601
Truth Table
INPUT DATA
OUTPUT SWITCH
LATCH
ENABLE CLOCK
Notes:
1.
Th 16 switches operate independently.
2.
Serial data is clocked in on the L to H transition of the CLK.
3.
All 16 switches go to a state retaining their latched condition at the rising edge of LE. When LE is low the shift registers data flow through the latch.
4.
D
OUT is high when data in the register 15 is high.
5.
Shift registers clocking has no effect on the switch states if LE is high.
6.
The CL clear input overrides all other inputs.
Logic Timing Waveforms
DATA
IN
LE
CLOCK
DATA
OUT
OFF
ON
OUT
(TYP )
V
50%
50%
50%
50%
t WLE
t
SD
t
SU
t
h
50%
50%
t OFF
50%
t DO
t ON
t WCL
CLR
D
N– 1
D
N
D
N+ 1
50%
50%
90%
10%


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn