Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HV2601 Datasheet(PDF) 3 Page - Supertex, Inc

Part No. HV2601
Description  Low Charge Injection 16-Channel High Voltage Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUTEX [Supertex, Inc]
Homepage  http://www.supertex.com
Logo 

HV2601 Datasheet(HTML) 3 Page - Supertex, Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
NR101705
HV2601
Sym
Parameter
0°C
+25°C
+70°C
Units
Conditions
Min
Max
Min
Typ
Max
Min
Max
R
ONS
Small Signal Switch
On-Resistance
30
26
38
48
I
SIG = 5mA
V
PP = +40V
V
NN = -160V
25
22
27
32
I
SIG = 200mA
25
22
27
30
I
SIG = 5mA
V
PP = +100V
V
NN = -100V
18
18
24
27
I
SIG = 200mA
23
20
25
30
I
SIG = 5mA
V
PP = +160V
V
NN = -40V
22
16
25
27
I
SIG = 200mA
∆R
ONS
Small Signal Switch
On-Resistance Matching
20
5.0
20
20
%
I
SIG = 5mA, VPP = +100V,
V
NN = -100V
R
ONL
Large Signal Switch
On-Resistance
15
V
SIG=VPP-10V, ISIG=1A
I
SOL
Switch Off Leakage per
Switch*
5.0
1.0
10
15
µA
V
SIG = VPP-10V and VNN+10V
V
OS
DC offset Switch off*
300
100
300
300
mV
100KΩ Load
DC offset Switch on*
500
100
500
500
mV
I
PPQ
Quiescent V
PP supply
current
10
50
µA
All switches off
I
NNQ
Quiescent V
NN supply
current
-10
-50
µA
All switches off
I
PPQ
Quiescent V
PP supply
current
10
50
µA
All switches on, I
SW = 5mA
I
NNQ
Quiescent V
NN supply
current
-10
-50
µA
All switches on, I
SW = 5mA
I
SW
Switch output peak
current
3.0
3.0
2.0
2.0
A
V
SIG duty cycle < 0.1%
f
SW
Output switching
frequency
50
kHz
Duty cycle = 50%
I
PP
Average V
PP
supply current
6.5
7.0
8.0
mA
V
PP = +40V
V
NN = -160V
All output
switches are
turning On and
Off at 50KHz
with no load.
V
PP = +100V
V
NN = -100V
4.0
5.5
5.5
V
PP = +160V
V
NN = -40V
4.0
5.0
5.5
I
NN
Average V
NN
supply current
6.5
7.0
8.0
mA
V
PP = +40V
V
NN = -160V
V
PP = +100V
V
NN = -100V
4.0
5.0
5.5
V
PP = +160V
V
NN=-40V
4.0
5.0
5.5
I
DD
Average V
DD
supply
current
4.0
4.0
4.0
mA
f
CLK = 5MHz, VDD = 5.0V
I
DDQ
Quiescent V
DD supply
current
10
10
10
µA
All logic inputs are static
I
SOR
Data out source current
0.45
0.45
0.70
0.40
mA
V
OUT = VDD-0.7V
I
SINK
Data out sink current
0.45
0.45
0.70
0.40
mA
V
OUT = 0.7V
C
IN
Logic input capacitance
10
10
10
pF
DC Electrical Characteristics
(over recommended operating conditions unless otherwise noted)
* See Test Circuits on page 5


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn