Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HV2601 Datasheet(PDF) 2 Page - Supertex, Inc

Part No. HV2601
Description  Low Charge Injection 16-Channel High Voltage Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUTEX [Supertex, Inc]
Homepage  http://www.supertex.com
Logo 

HV2601 Datasheet(HTML) 2 Page - Supertex, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
NR101705
HV2601
Ordering Information
DEVICE
Package Options
48-Lead TQFP
HV2601
HV2601FG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
V
DD Logic supply
-0.5V to +7V
V
PP-VNN differential supply
220V
V
PP Positive supply
-0.5V to V
NN+200V
V
NN Negative supply
+0.5V to -200V
Logic input voltage
-0.5V to V
DD +0.3V
Analog signal range
V
NN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65°C to 150°C
Power dissipation
48-Lead TQFP
1W
*Absolute Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. Continuous operation of the device at the
absolute rating level may affect device reliability. All voltages are referenced to device ground.
Operation Conditions
Symbol
Parameter
Value
V
DD
Logic power supply voltage
3.0V to 5.5V
V
PP
Positive high voltage supply
40V to V
NN +200V
V
NN
Negative high voltage supply
-40V to –160V
V
IH
High level input voltage
0.9V
DD to VDD
V
IL
Low level input voltage
0V to 0.1V
DD
V
SIG
Analog signal voltage peak-to-peak
V
NN+10V to VPP-10V
T
A
Operating free air temperature
0°C to 70°C
Notes:
1 Power up/down sequence is arbitrary except GND must be powered-up first and powered-down last.
2 V
SIG must be within VNN and VPP or floating during power up/down transition.
3 Rise and fall times of power supplies V
DD, VPP, and VNN should not be less than 1.0msec.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn