Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV2601 Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV2601
Description  Low Charge Injection 16-Channel High Voltage Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2601 Datasheet(HTML) 7 Page - Supertex, Inc

  HV2601 Datasheet HTML 1Page - Supertex, Inc HV2601 Datasheet HTML 2Page - Supertex, Inc HV2601 Datasheet HTML 3Page - Supertex, Inc HV2601 Datasheet HTML 4Page - Supertex, Inc HV2601 Datasheet HTML 5Page - Supertex, Inc HV2601 Datasheet HTML 6Page - Supertex, Inc HV2601 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Doc.# DSFP - HV2601
NR101705
HV2601
Pin Configuration and Package Outline - 48-Lead TQFP (1.4mm) (FG)
BSC
0
° − 7°
0.354
± 0.01
(8.992
± 0.254)
0.275
± 0.004
(6.985
± 0.102)
0.008
± 0.003
(0.2032
± 0.0762)
0.020
(0.508)
0.055
± 0.004
(1.397
± 0.102)
0.039
(0.991)
0.059
± 0.004
(1.498
± 0.102)
0.354
± 0.01
(8.992
± 0.254)
0.024
± 0.008
(0.610
± 0.203)
0.275
± 0.004
(6.985
± 0.102)
Measurement Legend =
Dimensions in Inches
Dimensions in Millimeters
Pin 1
Pin 12
Pin Name
TQFP-48
SW4B
3
SW4A
4
SW3B
5
SW3A
6
SW2B
7
SW2A
8
SW1B
9
SW1A
10
SW0B
11
SW0A
12
V
NN
13
V
PP
15
GND
17
V
DD
18
D
IN
19
CLK
20
LE
21
CLR
22
D
OUT
23
NC
24
SW15B
25
SW15A
26
SW14B
27
SW14A
28
SW13B
29
SW13A
30
SW12B
31
SW12A
32
SW11B
33
SW11A
34
SW10B
37
SW10A
38
SW9B
39
SW9A
40
SW8B
41
SW8A
42
SW7B
43
SW7A
44
SW6B
45
SW6A
46
SW5B
47
SW5A
48
NC
1,2,14,16, 35,36
NC = No Internal Connection.


Similar Part No. - HV2601

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV2601 MICROCHIP-HV2601 Datasheet
364Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
07/14/15
HV2601 MICROCHIP-HV2601 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2601BD-G-M931 MICROCHIP-HV2601BD-G-M931 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2601BD-G-M936 MICROCHIP-HV2601BD-G-M936 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2601FG-G MICROCHIP-HV2601FG-G Datasheet
364Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
07/14/15
More results

Similar Description - HV2601

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV2601 MICROCHIP-HV2601_V01 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
logo
IXYS Corporation
CPC7601 IXYS-CPC7601 Datasheet
982Kb / 11P
   Low Charge Injection, 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2601 MICROCHIP-HV2601 Datasheet
364Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
07/14/15
HV2621 MICROCHIP-HV2621 Datasheet
726Kb / 26P
   300V, Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision A September 2019
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com