Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLM5964-6F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FLM5964-6F
Description  C-Band Internally Matched FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FLM5964-6F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FLM5964-6F Datasheet HTML 1Page - List of Unclassifed Manufacturers FLM5964-6F Datasheet HTML 2Page - List of Unclassifed Manufacturers FLM5964-6F Datasheet HTML 3Page - List of Unclassifed Manufacturers FLM5964-6F Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
FLM5964-6F
C-Band Internally Matched FET
S-PARAMETERS
VDS = 10V, IDS = 1625mA
FREQUENCY
S11
S21
S12
S22
(MHZ)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5700
.432
134.8
3.652
-19.7
.037
-65.3
.660
-145.4
5800
.417
116.5
3.676
-33.5
.045
-83.1
.641
-156.0
5900
.403
97.1
3.681
-47.6
.053
-98.2
.617
-166.4
6000
.395
75.9
3.705
-62.1
.061
-112.7
.589
-176.7
6100
.391
53.8
3.708
-77.0
.068
-126.4
.555
173.0
6200
.398
30.4
3.696
-92.2
.074
-140.2
.512
163.0
6300
.416
7.1
3.661
-107.9
.079
-154.4
.458
153.7
6400
.446
-16.1
3.609
-123.9
.083
-169.3
.396
145.0
6500
.484
-38.9
3.525
-140.6
.085
175.5
.325
138.7
6600
.529
-60.1
3.399
-157.1
.086
160.2
.253
137.3
+j250
+j100
+j50
+j25
+j10
0
-j10
-j25
-j50
-j100
-j250
S11
S22
180
°
+90
°
0
°
-90
°
S21
S12
100
50
25
250
6.6
6.6
SCALEFOR|S21|
6.2
6.2
6.0
6.0
5.8
5.8
5.7GHz
5.7GHz
6.4
6.4
1
2
3
4
6.6
6.6
6.2
6.2
6.0
6.0
5.8
5.8
5.7GHz
5.7GHz
6.4
6.4
0.1
0.2


Similar Part No. - FLM5964-6F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLM5964-12F ETC1-FLM5964-12F Datasheet
285Kb / 4P
   C-Band Internally Matched FET
FLM5964-18F ETC1-FLM5964-18F Datasheet
283Kb / 4P
   C-Band Internally Matched FET
FLM5964-25F ETC1-FLM5964-25F Datasheet
285Kb / 4P
   C-Band Internally Matched FET
FLM5964-35F ETC1-FLM5964-35F Datasheet
283Kb / 5P
   C-Band Internally Matched FET
FLM5964-45F ETC1-FLM5964-45F Datasheet
283Kb / 5P
   C-Band Internally Matched FET
More results

Similar Description - FLM5964-6F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLM7179-18F ETC-FLM7179-18F Datasheet
285Kb / 4P
   C-Band Internally Matched FET
FLM5359-12F ETC1-FLM5359-12F Datasheet
298Kb / 4P
   C-Band Internally Matched FET
logo
Eudyna Devices Inc
FLM3135-12F EUDYNA-FLM3135-12F Datasheet
294Kb / 4P
   C-Band Internally Matched FET
FLM3135-18F EUDYNA-FLM3135-18F Datasheet
295Kb / 4P
   C-Band Internally Matched FET
FLM3742-12F EUDYNA-FLM3742-12F Datasheet
296Kb / 4P
   C-Band Internally Matched FET
FLM5359-35F EUDYNA-FLM5359-35F Datasheet
190Kb / 5P
   C-Band Internally Matched FET
FLM6472-25F EUDYNA-FLM6472-25F Datasheet
282Kb / 4P
   C-Band Internally Matched FET
FLM7785-6F EUDYNA-FLM7785-6F Datasheet
235Kb / 4P
   C-Band Internally Matched FET
logo
List of Unclassifed Man...
FLM3439-12F ETC1-FLM3439-12F Datasheet
295Kb / 4P
   C-Band Internally Matched FET
FLM5964-25F ETC1-FLM5964-25F Datasheet
285Kb / 4P
   C-Band Internally Matched FET
FLM5964-12F ETC1-FLM5964-12F Datasheet
285Kb / 4P
   C-Band Internally Matched FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com