Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC83C251SB16 Datasheet(PDF) 4 Page - Intel Corporation

Part # TC83C251SB16
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TC83C251SB16 Datasheet(HTML) 4 Page - Intel Corporation

  TC83C251SB16 Datasheet HTML 1Page - Intel Corporation TC83C251SB16 Datasheet HTML 2Page - Intel Corporation TC83C251SB16 Datasheet HTML 3Page - Intel Corporation TC83C251SB16 Datasheet HTML 4Page - Intel Corporation TC83C251SB16 Datasheet HTML 5Page - Intel Corporation TC83C251SB16 Datasheet HTML 6Page - Intel Corporation TC83C251SB16 Datasheet HTML 7Page - Intel Corporation TC83C251SB16 Datasheet HTML 8Page - Intel Corporation TC83C251SB16 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
PRELIMINARY
8XC251SA/SB/SP/SQ HIGH-PERFORMANCE CHMOS MICROCONTROLLER
1.0
NOMENCLATURE
Figure 2. The 8XC251SA/SB/SP/SQ Family Nomenclature
Table 1. Description of Product Nomenclature
Parameter
Options
Description
Temperature and Burn-in
Options
no mark
Commercial operating temperature range (0°C to 70°C) with
Intel standard burn-in.
T
Express operating temperature range (-40°C to 85°C) with
Intel standard burn-in.
Packaging Options
N
44-pin Plastic Leaded Chip Carrier (PLCC)
P
40-pin Plastic Dual In-line Package (PDIP)
C
40-pin Ceramic Dual In-line Package (Ceramic DIP)
Program Memory Options
0
Without ROM/OTPROM/EPROM
3ROM
7
User programmable OTPROM/EPROM
Process Information
C
CHMOS
Product Family
251
8-bit control architecture
Device Memory Options
SA
1-Kbyte RAM/8-Kbyte ROM/OTPROM/EPROM
SB
1-Kbyte RAM/16-Kbyte ROM/OTPROM/EPROM or without
ROM/OTPROM/EPROM
SP
512-byte RAM/8-Kbyte ROM/OTPROM/EPROM
SQ
512-byte RAM/16-Kbyte ROM/OTPROM/EPROM or without
ROM/OTPROM/EPROM
Device Speed
16
External clock frequency
XXXXX
XX
X
X
8
XX
X
A2815-01


Similar Part No. - TC83C251SB16

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
TC83-73-S ACE-TC83-73-S Datasheet
106Kb / 2P
   TUBUS-Series Type TC Profile Damper for Crane Equipment
logo
SHENZHEN FUMAN ELECTRON...
TC83010S FUMAN-TC83010S Datasheet
293Kb / 33P
   16Pin infrared remote control IC
logo
Toshiba Semiconductor
TC83220-0009 TOSHIBA-TC83220-0009 Datasheet
214Kb / 13P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0027 TOSHIBA-TC83220-0027 Datasheet
261Kb / 16P
   TC83220-0027 Single-Chip CMOS LSI for FL (fluorescent) Calculator
More results

Similar Description - TC83C251SB16

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C151SB INTEL-87C151SB Datasheet
297Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EN80C251TB24 INTEL-EN80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251SA INTEL-8XC251SA Datasheet
440Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251TA INTEL-8XC251TA Datasheet
238Kb / 34P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P80C251TB24 INTEL-P80C251TB24 Datasheet
819Kb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
   16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
N80C251TB24 INTEL-N80C251TB24 Datasheet
1Mb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196KC INTEL-87C196KC Datasheet
258Kb / 21P
   16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com