Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SD1752 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. 2SD1752
Description  Silicon NPN epitaxial planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1752 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD1752 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1752 Datasheet HTML 2Page - Panasonic Semiconductor 2SD1752 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power Transistors
2SD1752, 2SD1752A
PC —Ta
IC —VCE
VCE(sat) —IC
VBE(sat) —IC
hFE —IC
fT —IC
ton, tstg, tf — IC
Area of safe operation (ASO)
0
160
40
120
80
140
20
100
60
0
20
15
5
10
(1) T
C=Ta
(2) Without heat sink
(P
C=1.3W)
(1)
(2)
(1)
(2)
Ambient temperature Ta (˚C)
06
5
4
13
2
0
10
8
6
4
2
T
C=25˚C
I
B=100mA
90mA
80mA
70mA
60mA
50mA
40mA
30mA
20mA
10mA
Collector to emitter voltage V
CE
(V)
0.1
30
10
1
0.3
3
0.01
0.03
0.1
0.3
1
3
10
I
C/IB=20
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
0.1
30
10
1
0.3
3
0.01
0.03
0.1
0.3
1
3
10
I
C/IB=20
25˚C
–25˚C
T
C=100˚C
Collector current I
C
(A)
0.1
30
10
1
0.3
3
1
3
10
30
100
300
1000
V
CE=2V
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.1
0.3
1
3
10
30
100
300
1000
V
CE=10V
f=1MHz
T
C=25˚C
Collector current I
C
(A)
05
4
13
2
0.01
0.03
0.1
0.3
1
3
10
30
100
Pulsed t
w=1ms
Duty cycle=1%
I
C/IB=30(IB1=–IB2)
V
CC=20V
T
C=25˚C
t
stg
t
f
t
on
Collector current I
C
(A)
1
10
100
1000
3
30
300
0.01
0.03
0.1
0.3
1
3
10
30
100
Non repetitive pulse
T
C=25˚C
I
CP
I
C
t=10ms
1ms
300ms
Collector to emitter voltage V
CE
(V)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
XP01211 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SD2051 Silicon NPN epitaxial planar type Darlington For low-frequency amplification 1  2  Panasonic Semiconductor
SUR503EF Epitaxial Planar Type NPN Silicon Transistor 1  2  3  AUK corp
2SD2018 Silicon NPN epitaxial planar type darlington 1  2  3  Panasonic Semiconductor
2SC5505 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SD2504 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
UP03390 Silicon NPN epitaxial planar type 1  2  3  4  5  Panasonic Semiconductor
XP01554 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
SUT485J Epitaxial Planar type NPN Silicon Transistor 1  2  3  4  AUK corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn