Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA3010D Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA3010D
Description  4-CH MOTOR DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3010D Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA3010D Datasheet HTML 1Page - Fairchild Semiconductor KA3010D Datasheet HTML 2Page - Fairchild Semiconductor KA3010D Datasheet HTML 3Page - Fairchild Semiconductor KA3010D Datasheet HTML 4Page - Fairchild Semiconductor KA3010D Datasheet HTML 5Page - Fairchild Semiconductor KA3010D Datasheet HTML 6Page - Fairchild Semiconductor KA3010D Datasheet HTML 7Page - Fairchild Semiconductor KA3010D Datasheet HTML 8Page - Fairchild Semiconductor KA3010D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CD-ROM PRODUCTS
KA3010D
1
MIC-99D001
January 1999
4-CH MOTOR DRIVER
The KA3010D is a monolithic integrated circuit, and
suitable for 4-CH motor driver which drives tracking
actuator, focus actuator, sled motor and loading motor
of CD/CD-ROM/DVD system, and can also drive
spindle motor of CD system.
FEATURES
1-phase, full-wave, linear DC motor driver
Wide dynamic range:
— VCC=5V, RL=8Ω → VOM=3.0V
— VCC=12V, RL=24Ω → VOM=9.5V
Output gain adjustable
Built in op-amp
Built in mute function
Built in level shift circuit
Built in thermal shutdown function
BLOCK DIAGRAM
28-SSOPH-375
ORDERING INFORMATION
Device
Package
Operating Temperature
KA3010D
28-SSOPH-375
−20°C ~ +75°C
10k
Level
shift
TSD
+
Level
shift
Level
shift
Level
shift
+
10k
10k
10k
10k
10k
10k
10k
+
+
1
2
3
4
5
6
8
9
10
11
12
13
7
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
MUTE
50k
50k
Rev. B
© 1999 Fairchild Semiconductor Corporation


Similar Part No. - KA3010D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3011 FAIRCHILD-KA3011 Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3011BDTF FAIRCHILD-KA3011BDTF Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3012D FAIRCHILD-KA3012D Datasheet
238Kb / 13P
   4-Channel Motor Driver
KA3012D-02 FAIRCHILD-KA3012D-02 Datasheet
238Kb / 13P
   4-Channel Motor Driver
More results

Similar Description - KA3010D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8006D3 FAIRCHILD-FAN8006D3 Datasheet
243Kb / 14P
   4-CH Motor Driver
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
   4-CH Motor Driver
FAN8000D FAIRCHILD-FAN8000D Datasheet
270Kb / 13P
   4-CH Motor Driver
KA9258D FAIRCHILD-KA9258D Datasheet
606Kb / 14P
   4-CH MOTOR DRIVER
logo
List of Unclassifed Man...
D9258PH ETC-D9258PH Datasheet
461Kb / 11P
   4-CH MOTOR DRIVER
logo
Fairchild Semiconductor
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
FAN8045G3 FAIRCHILD-FAN8045G3 Datasheet
237Kb / 16P
   4-CH Motor Driver (5 Input & 4 Output)
logo
Richtek Technology Corp...
RT8750 RICHTEK-RT8750 Datasheet
436Kb / 21P
   42 CH Motor Driver for DSC
logo
Fairchild Semiconductor
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com