Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SD1744 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. 2SD1744
Description  Silicon NPN epitaxial planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1744 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD1744 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1744 Datasheet HTML 2Page - Panasonic Semiconductor 2SD1744 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SD1744
Silicon NPN epitaxial planar type
For power switching
Complementary to 2SB1174
s Features
q
Low collector to emitter saturation voltage VCE(sat)
q
Satisfactory linearity of foward current transfer ratio hFE
q
Large collector current IC
q
I type package enabling direct soldering of the radiating fin to
the printed circuit board, etc. of small electronic equipment.
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
130
80
7
6
3
15
1.3
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to emitter voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
IEBO
VCEO
hFE1
hFE2
*
VCE(sat)
VBE(sat)
fT
ton
tstg
tf
Conditions
VCB = 100V, IE = 0
VEB = 5V, IC = 0
IC = 10mA, IB = 0
VCE = 2V, IC = 0.1A
VCE = 2V, IC = 0.5A
IC = 2A, IB = 0.1A
IC = 2A, IB = 0.1A
VCE = 10V, IC = 0.5A, f = 10MHz
IC = 0.5A, IB1 = 50mA, IB2 = –50mA,
VCC = 50V
min
80
45
90
typ
30
0.5
2.5
0.15
max
10
50
260
0.5
1.5
Unit
µA
µA
V
V
V
MHz
µs
µs
µs
*h
FE2 Rank classification
Rank
Q
P
hFE2
90 to 180
130 to 260
TC=25°C
Ta=25
°C
Unit: mm
1:Base
2:Collector
3:Emitter
I Type Package
Unit: mm
1:Base
2:Collector
3:Emitter
I Type Package (Y)
7.0
±0.3
3.0
±0.2
3.5
±0.2
4.6
±0.4
2
13
1.1
±0.1
0.75
±0.1
2.3
±0.2
0.85
±0.1
0.4
±0.1
7.0
±0.3
0.75
±0.1
2.3
±0.2
4.6
±0.4
1.1
±0.1
2.0
±0.2
0.9
±0.1
3.5
±0.2
3.0
±0.2
123
0 to 0.15
0 to 0.15
2.5
0.5 max.


Similar Part No. - 2SD1744

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
2SD1740 ETC-2SD1740 Datasheet
120Kb / 3P
   TRIPLE DIFFUSED PLANAR TYPE HIGH POWER DARLINGTON
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
2SD1740 ISC-2SD1740 Datasheet
319Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD1740 ISC-2SD1740_V01 Datasheet
319Kb / 2P
   isc Silicon NPN Darlington Power Transistor
Panasonic Semiconductor
Panasonic Semiconductor
2SD1741 PANASONIC-2SD1741 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type
2SD1741A PANASONIC-2SD1741A Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type
More results

Similar Description - 2SD1744

ManufacturerPart No.DatasheetDescription
Panasonic Semiconductor
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type
2SC5848 PANASONIC-2SC5848 Datasheet
438Kb / 3P
   Silicon NPN epitaxial planar type
XN06543 PANASONIC-XN06543 Datasheet
89Kb / 3P
   Silicon NPN epitaxial planar type
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
2SD1824 KEXIN-2SD1824 Datasheet
45Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD814 KEXIN-2SD814 Datasheet
37Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SC3125 KEXIN-2SC3125 Datasheet
35Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD1820A KEXIN-2SD1820A Datasheet
46Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SC5026 KEXIN-2SC5026 Datasheet
50Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD874 KEXIN-2SD874 Datasheet
52Kb / 2P
   Silicon NPN Epitaxial Planar Type
2SD2474 KEXIN-2SD2474 Datasheet
49Kb / 1P
   Silicon NPN Epitaxial Planar Type
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz