Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD2052AFJ Datasheet(PDF) 6 Page - Rohm

Part # BD2052AFJ
Description  High-Side Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2052AFJ Datasheet(HTML) 6 Page - Rohm

  BD2052AFJ Datasheet HTML 1Page - Rohm BD2052AFJ Datasheet HTML 2Page - Rohm BD2052AFJ Datasheet HTML 3Page - Rohm BD2052AFJ Datasheet HTML 4Page - Rohm BD2052AFJ Datasheet HTML 5Page - Rohm BD2052AFJ Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BD6512F,BD6513F,BD6516F,BD6517F,BD2042AFJ,BD2052AFJ
Technical Note
6/20
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Timing diagram
BD6513F
BD6512F
TRD
50%
TR
10%
50%
90%
50%
TFD
90%
50%
10%
TF
VOUT
VCTRL
TRD
50%
TR
10%
50%
90%
50%
TFD
90%
50%
10%
TF
VOUT
VCTRL
BD6515F/BD2042AFJ
BD6516F/BD2052AFJ
TON2
50%
TON1
10%
90%
50%
90%
10%
TOFF1
VOUT
VCTRL
V/EN
TOFF2
TON2
50%
TON1
10%
90%
50%
90%
10%
TOFF1
VOUT
VCTRL
VEN
TOFF2
Fig.2 Timing diagram


Similar Part No. - BD2052AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2052AFJ ROHM-BD2052AFJ Datasheet
413Kb / 21P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2052AFJ-E2 ROHM-BD2052AFJ-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2052AFJ-E2 ROHM-BD2052AFJ-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
More results

Similar Description - BD2052AFJ

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
4AM02MH5 SANYO-4AM02MH5 Datasheet
36Kb / 4P
   High-side Switch
logo
Rohm
BD6516F ROHM-BD6516F Datasheet
209Kb / 6P
   High Side Switch
logo
Linear Technology
LT1089 LINER-LT1089_15 Datasheet
134Kb / 8P
   High Side Switch
logo
Rohm
BD6513F ROHM-BD6513F Datasheet
211Kb / 6P
   High-Side Switch
BD6519FJ ROHM-BD6519FJ Datasheet
305Kb / 6P
   High Side Switch
logo
Siemens Semiconductor G...
BTS432D SIEMENS-BTS432D Datasheet
149Kb / 7P
   High-side switch
logo
Rohm
BD6510F ROHM-BD6510F Datasheet
210Kb / 6P
   High-Side Switch
BD6517F ROHM-BD6517F Datasheet
209Kb / 6P
   High Side Switch
logo
Sanyo Semicon Device
4AM01MH5 SANYO-4AM01MH5 Datasheet
26Kb / 4P
   High-side Switch
logo
Siemens Semiconductor G...
BTS410E SIEMENS-BTS410E Datasheet
403Kb / 12P
   High-side switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com