Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SD1741 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. 2SD1741
Description  Silicon NPN triple diffusion planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1741 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD1741 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1741 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SD1741, 2SD1741A
Silicon NPN triple diffusion planar type
For power amplification
For TV vertical deflection output
Complementary to 2SB1171 and 2SB1171A
s Features
q
High forward current transfer ratio hFE which has satisfactory
linearity
q
Low collector to emitter saturation voltage VCE(sat)
q
I type package enabling direct soldering of the radiating fin to
the printed circuit board, etc. of small electronic equipment.
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
200
200
150
180
6
3
2
15
1.3
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SD1741
2SD1741A
2SD1741
2SD1741A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to base voltage
Collector to emitter
voltage
Emitter to base voltage
Forward current transfer ratio
Base to emitter voltage
Collector to emitter saturation voltage
Transition frequency
Symbol
ICBO
IEBO
VCBO
VCEO
VEBO
hFE1
*
hFE2
VBE
VCE(sat)
fT
Conditions
VCB = 200V, IE = 0
VEB = 4V, IC = 0
IC = 50µA, IE = 0
IC = 5mA, IB = 0
IE = 500µA, IC = 0
VCE = 10V, IC = 150mA
VCE = 10V, IC = 400mA
VCE = 10V, IC = 400mA
IC = 500mA, IB = 50mA
VCE = 10V, IC = 0.5A, f = 1MHz
min
200
150
180
6
60
50
typ
20
max
50
50
240
1
1
Unit
µA
µA
V
V
V
V
V
MHz
2SD1741
2SD1741A
*h
FE1 Rank classification
Rank
Q
P
hFE1
60 to 140
100 to 240
Unit: mm
1:Base
2:Collector
3:Emitter
I Type Package
Unit: mm
1:Base
2:Collector
3:Emitter
I Type Package (Y)
7.0
±0.3
3.0
±0.2
3.5
±0.2
4.6
±0.4
2
13
1.1
±0.1
0.75
±0.1
2.3
±0.2
0.85
±0.1
0.4
±0.1
7.0
±0.3
0.75
±0.1
2.3
±0.2
4.6
±0.4
1.1
±0.1
2.0
±0.2
0.9
±0.1
3.5
±0.2
3.0
±0.2
123
0 to 0.15
0 to 0.15
2.5
0.5 max.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn