Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STP3NB80FP Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Part No. STP3NB80FP
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STP3NB80FP Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  STP3NB80FP Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STP3NB80FP Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STP3NB80FP Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STP3NB80FP Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STP3NB80FP Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STP3NB80FP Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STP3NB80FP Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STP3NB80FP Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd STP3NB80FP Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10a - Switching Time Test Circuit
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
TC, Case Temperature (°C)
0.0
3.0
4.0
5.0
6.0
7.0
25
150
125
100
75
50
91114_09
1.
0
2.0
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
R
D
V
GS
R
g
D.U.T.
10 V
+
-
V
DS
V
DD
V
DS
90 %
10 %
V
GS
t
d(on)
t
r
t
d(off)
t
f
10
1
0.1
10-2
10-5
10-4
10-3
10-2
0.1
1
10
P
DM
t
1
t
2
t1, Rectangular Pulse Duration (s)
Notes:
1. Duty Factor, D = t
1/t2
2. Peak T
j = PDM x ZthJC + TC
Single Pulse
(Thermal Response)
0
− 0.5
0.2
0.1
0.05
0.02
0.01
91114_11
STP3NB80FP
5
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn