Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZPH02 Datasheet(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part No. ZPH02
Description  Particles Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZPH02 Datasheet(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZPH02 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 8Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 9Page - Zhengzhou Winsen Electronics Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
1
ZPH02 Particles Sensor
Profile
This sensor integrates infrared PM2.5 detection technology, using
particle counting principle to detect PM2.5 in the environment. It
can detect the particles (diameter ≥1μm).
Before delivery, the sensor has been aged, debugged, calibrated
and has good consistency and high sensitivity.
Features
*Good stability for long time
*Interface output is multiple
*easy to install and use
*High sensitivity
*Good consistency
Applications
*Air purifier
*Air refresher
*Portable instrumentation
*HVAC system
*Air conditioner
*Smoke alarm system
Technical Parameters
Model
ZPH02
Working voltage range
5±0.2 V (DC)
Output way
Rate of low level%(recommending 30s)
Output signal voltage
5±0.2 V
Detection ability
smallest particles 1 μm diameter
Warm-up time
≤1min(device warming-up time)
Working current
≤90mA
Humidity
range
Storage
≤95%RH
Working
≤95%RH
Temperature
range
Storage
-30℃~50℃
Working
0℃~50℃
Size
59.5×44.5×20mm(L×W×H)
Physical interface
EH2.54-5P


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn