Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZPH02 Datasheet(PDF) 5 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part No. ZPH02
Description  Particles Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZPH02 Datasheet(HTML) 5 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZPH02 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 8Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 9Page - Zhengzhou Winsen Electronics Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
3
②. electrical parameters meet below requirement:
Low limit *0.7~ upper limit *1.3, n=10;
10
Lead Strength
Room temperature~60°C, 1000H,
Tin whisker needs to be below 50μm, n=1
OK
11
ON/OFF Test
45°C, 90-95%RH, power on/off 5min, 500H
①. appearance is not significantly abnormal;
②. electrical parameters meet below requirement:
Low limit *0.7~ upper limit *1.3, n=10;
OK
12
Response Confirm
Stable time testing:
After power on, stable time deviation needs to be less
than 10%, n=20;
OK
13
Short-circuit Test
Short circuit or open circuit between electronic
components,
Inca power do not catch fire, combustion,
No smoking allowed, n=5
OK
16
Leakage-resistance
Tracking
0.2% ammonium chloride solution, 30S, 200 drops;
No fire, burning, no smoking allowed, n=5;
OK
Dimensions:
figure 1
Remarks:
1.Connector(5-pin) part no. is HER-5; specific specifications please visit http://www.jst.com/
Detection Principle


Similar Part No. - ZPH02

ManufacturerPart No.DatasheetDescription
Zhengzhou Winsen Electronics Technology Co., Ltd.
Zhengzhou Winsen Electr...
ZPH01 WINSEN-ZPH01 Datasheet
506Kb / 8P
   Particles Sensor
More results

Similar Description - ZPH02

ManufacturerPart No.DatasheetDescription
Zhengzhou Winsen Electronics Technology Co., Ltd.
Zhengzhou Winsen Electr...
ZPH01 WINSEN-ZPH01 Datasheet
506Kb / 8P
   Particles Sensor
List of Unclassifed Manufacturers
List of Unclassifed Man...
GT321 ETC2-GT321 Datasheet
159Kb / 2P
   Counts individual particles using scattered laser light
Epson Company
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
Epson ToYoCom
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
Roithner LaserTechnik GmbH
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
   sensor
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
   Sensor
IML-0650 MURATA-IML-0650_17 Datasheet
181Kb / 2P
   Sensor
IML-0688 MURATA-IML-0688 Datasheet
185Kb / 2P
   Sensor
IRA-S410ST03 MURATA-IRA-S410ST03_17 Datasheet
219Kb / 3P
   Sensor
PKGS-00LDP1-R MURATA-PKGS-00LDP1-R_17 Datasheet
201Kb / 3P
   Sensor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz