Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZPH02 Datasheet(PDF) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part No. ZPH02
Description  Particles Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZPH02 Datasheet(HTML) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZPH02 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 8Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 9Page - Zhengzhou Winsen Electronics Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
2
NO. Test Item
Test Conditions and requirement
Result
1
Specification
Dimension confirm;
Electrical characteristics confirm;
Internal resistance space confirm;
Meet the drawing requirement, n=10
OK
2
Heat Shock 1
-40ºC, 30min ←within 10s→80ºC, 30min for 1 cycle;
10 cycles
①. appearance is not significantly abnormal;
②. electrical parameters meet below requirement:
Low limit *0.7~ upper limit *1.3, n=10
OK
3
Heat Shock 2
-25ºC, 1H ←→70ºC, 1H for 1 cycle, 100 cycles
①. appearance is not significantly abnormal;
②. electrical parameters meet below requirement:
Low limit *0.7~ upper limit *1.3, n=10
OK
4
High Temperature
Humidity
60±5°C, 90±5%RH, 72H placement
①. appearance is not significantly abnormal;
②. electrical parameters meet below requirement:
Low limit *0.7~ upper limit *1.3, n=10;
60±5°C, 90±5%RH, DC5V 72H, continuous power-on
①. appearance is not significantly abnormal;
②. electrical parameters meet below requirement:
Low limit *0.7~ upper limit *1.3, n=10;
OK
5
Low Temperature
Low temperature placement:
-30°C, 500H test once, 1000H test once,
①. appearance is not significantly abnormal;
②. electrical parameters meet below requirement:
Low limit *0.7~ upper limit *1.3, n=10;
OK
6
Soldering
Heat
Shock
-40°C 30m ←within 10s→80°C 30m for 1 cycle,
confirmed at 200 cycles, 500 cycles, 1000 cycle,
Reference: ST-E009,
No cracking in the welded part, n=1
OK
7
Drop Test
Dropping from 100cm height on a hard board, 3times:
①. no damage and crack;
②. electrical parameters meet below requirement:
Low limit *0.7~ upper limit *1.3, n=10;
OK
8
Anti-static
200p F, 0Ω, ±200V
electrical parameters meet below requirement:
Low limit *0.7~ upper limit *1.3, n=8;
OK
9
Vibration
Apply vibration of 10-55Hz frequency and 1G
acceleration to each of 3 perpendicular directions for
1min
①. no damage and crack;
OK


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn