Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ESD05LD Datasheet(PDF) 1 Page - Rectron Semiconductor

Part No. ESD05LD
Description  Ultra Low Capacitance ESD Protection Diodes Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ESD05LD Datasheet(HTML) 1 Page - Rectron Semiconductor

  ESD05LD Datasheet HTML 1Page - Rectron Semiconductor ESD05LD Datasheet HTML 2Page - Rectron Semiconductor ESD05LD Datasheet HTML 3Page - Rectron Semiconductor ESD05LD Datasheet HTML 4Page - Rectron Semiconductor ESD05LD Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ESD05LD provides a typical line to line
capacitance of 0.6pF and low insertion loss up to
3GHz providing greater signal integrity making it
ideally suited for USB 2.0 applications, such as
Digital TVs, DVD players, Computing, set-top
boxes and MDDI applications in mobile computing
devices.
This device has been specifically designed to
protect sensitive components which are connected
to high-speed data and transmission lines from
overvoltage
caused
by
ESD
(electrostatic
discharge), CDE (Cable Discharge Events), and
EFT (electrical fast transients).
—Protects two I/O lines and one Vcc line
—Low capacitance
—Low leakage current
—No insertion to 3.0 GHz
—5V operating voltage
—Response time < 1ns
—Solid-state silicon avalanche technology
—Device meets MSL 1 requirements
—RoHS compliant
—SOT-143 package
—Flammability Rating: UL 94V-0
—Terminal: Matte tin plated.
—Packaging: Tape and Reel
—High temperature soldering guaranted:260 /10s
—Reel size: 7 inch
— Device: ESD05LD
—Package: SOT-143
—Marking: SL3 or R05
—Material: Halogen free
—Packing: Tape & Reel
—Quantity per reel: 3,000pcs
—xDSLI
—USB 1.1/2.0/OTG
—IEEE 1394 Firewire Ports
—Notebooks & Handhelds
—Projection TV & Monitors
—Set-top box
—Flat Panel Displays
Ultra Low Capacitance ESD Protection Diodes Array
DESCRIPTION
MACHANICAL DATA
ORDERING INFORMATION
APPLICATIONS
PIN CONFIGURATION
PACKAGE OUTLINE
FEATURES
ESD05LD
2020-12/01
REV:A


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn