Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD05D6D Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # ESD05D6D
Description  Ultra Low Capacitance ESD Protection Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ESD05D6D Datasheet(HTML) 2 Page - Rectron Semiconductor

  ESD05D6D Datasheet HTML 1Page - Rectron Semiconductor ESD05D6D Datasheet HTML 2Page - Rectron Semiconductor ESD05D6D Datasheet HTML 3Page - Rectron Semiconductor ESD05D6D Datasheet HTML 4Page - Rectron Semiconductor ESD05D6D Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Value
Units
VESD
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
±20
±20
kV
PPP
Peak Pulse Power (8/20s)
100
W
TOPT
Operating Temperature
-55~125
qC
TSTG
Storage Temperature
-55~150
qC
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VRWM
Reverse Working Voltage
5.0
V
VBR
Reverse Breakdown
Voltage
IT = 1mA
6.0
V
IR
Reverse Leakage Current
VRWM = 5V
100
n
A
VC
Clamping Voltage
IPP = 1A, tp = 8/20s
13
V
IPP = 4A, tp = 8/20s
25
V
CJ
Junction Capacitance
VR = 0V, f = 1MHz
0.25
pF
ABSOLUTE MAXIMUM RATING (Tamb=25°C, unless otherwise specified)
ELECTRICAL CHARACTERISTICS (Tamb=25°C,unless otherwise specified)


Similar Part No. - ESD05D6D

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ESD05D6D RECTRON-ESD05D6D Datasheet
227Kb / 5P
   Ultra Low Capacitance ESD Protection Diode
ESD05D6DV RECTRON-ESD05D6DV Datasheet
227Kb / 5P
   Ultra Low Capacitance ESD Protection Diode
More results

Similar Description - ESD05D6D

ManufacturerPart #DatasheetDescription
logo
Rohm
RSAC16CS ROHM-RSAC16CS Datasheet
1Mb / 4P
   Ultra Low Capacitance ESD Protection Diode
RSAC18CS ROHM-RSAC18CS Datasheet
1Mb / 4P
   Ultra Low Capacitance ESD Protection Diode
logo
Rectron Semiconductor
ESD0501LD RECTRON-ESD0501LD Datasheet
242Kb / 4P
   Ultra Low Capacitance ESD Protection Diode
ESD3Z3V3D RECTRON-ESD3Z3V3D Datasheet
291Kb / 5P
   Ultra Low Capacitance ESD Protection Diode
ESD3Z5.0D RECTRON-ESD3Z5.0D Datasheet
300Kb / 5P
   Ultra Low Capacitance ESD Protection Diode
ESD05D6DV RECTRON-ESD05D6DV Datasheet
227Kb / 5P
   Ultra Low Capacitance ESD Protection Diode
ESD0501LDV RECTRON-ESD0501LDV Datasheet
244Kb / 4P
   Ultra Low Capacitance ESD Protection Diode
ESD0301DV RECTRON-ESD0301DV Datasheet
247Kb / 4P
   Ultra Low Capacitance ESD Protection Diode
ESD5Z3.3D RECTRON-ESD5Z3.3D Datasheet
235Kb / 4P
   Ultra Low Capacitance ESD Protection Diode
logo
Nexperia B.V. All right...
PESD5V0U1UT-Q NEXPERIA-PESD5V0U1UT-Q Datasheet
244Kb / 12P
   Ultra low capacitance ESD protection diode
16 November 2022
logo
Rohm
RSD6.8JS2 ROHM-RSD6.8JS2 Datasheet
1Mb / 4P
   Ultra Low Capacitance ESD Protection Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com