Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43172015 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 43172015
Description  Industrial Ethernet Switch - FL SWITCH 2214-2FX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  43172015 Datasheet HTML 1Page - PHOENIX CONTACT 43172015 Datasheet HTML 2Page - PHOENIX CONTACT 43172015 Datasheet HTML 3Page - PHOENIX CONTACT 43172015 Datasheet HTML 4Page - PHOENIX CONTACT 43172015 Datasheet HTML 5Page - PHOENIX CONTACT 43172015 Datasheet HTML 6Page - PHOENIX CONTACT 43172015 Datasheet HTML 7Page - PHOENIX CONTACT 43172015 Datasheet HTML 8Page - PHOENIX CONTACT 43172015 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
https://www.phoenixcontact.com/us/products/2702905
05/20/2021   Page 2 / 14
Industrial Ethernet Switch - FL SWITCH 2214-2FX - 2702905
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Use in potentially explosive areas is not permitted in China.
Dimensions
Width
85 mm
Height
130 mm
Depth
115 mm
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-40 °C ... 70 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Permissible humidity (operation)
10 % ... 95 % (non-condensing)
Permissible humidity (storage/transport)
10 % ... 95 % (non-condensing)
Air pressure (operation)
79 kPa ... 108 kPa up to 2000 m above mean sea level (Without derating)
Air pressure (storage/transport)
79 kPa ... 108 kPa up to 2000 m above mean sea level (Without derating)
Degree of pollution
2
Interfaces
Interface
Ethernet (RJ45)
No. of ports
14 (RJ45 ports)
Note on the connection method
Auto negotiation and autocrossing
Transmission physics
Copper
Transmission speed
10/100 Mbps
Transmission length
100 m (per segment)
Signal LEDs
Data receive, link status
Interface
Ethernet FO
No. of ports
2 (SC multi-mode)
Transmission physics
multi-mode fiberglass
Transmission speed
100 Mbps (full duplex)
Transmit capacity, minimum
-19 dBm
Transmit capacity, maximum
-14 dBm
Minimum receiver sensitivity
-32 dBm
Maximum receiver sensitivity
-14 dBm
Transmission length
11000 m (fiberglass with F-G 62.5/125 0.7 dB/km F1000)
6400 m (fiberglass with F-G 50/125 0.7 dB/km F1200)
3000 m (fiberglass with F-G 62.5/125 2.6 dB/km F600)
2800 m (fiberglass with F-G 50/125 1.6 dB/km F800)


Similar Part No. - 43172015

ManufacturerPart #DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
72Kb / 4P
   Device connector, front mounting - CA-17S1N122S00
43172015 PHOENIX-43172015 Datasheet
51Kb / 3P
   Crimp contact - SL-1CKS010
43172015 PHOENIX-43172015 Datasheet
43Kb / 2P
   Crimp contact - RC-6FP2000
43172015 PHOENIX-43172015 Datasheet
244Kb / 6P
   Cable connector - CA-07S1N12T007S
43172015 PHOENIX-43172015 Datasheet
39Kb / 1P
   Coupler connector - SM-7EP1N8A9L02
12/10/13
More results

Similar Description - 43172015

ManufacturerPart #DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
2702330 PHOENIX-2702330 Datasheet
275Kb / 3P
   Industrial Ethernet Switch - FL SWITCH 2206-2FX
2891954 PHOENIX-2891954 Datasheet
116Kb / 10P
   Industrial Ethernet Switch - FL SWITCH SFNT 14TX/2FX
09/12/2020
2891314 PHOENIX-2891314 Datasheet
113Kb / 10P
   Industrial Ethernet Switch - FL SWITCH SFN 6TX/2FX
09/12/2020
2700997 PHOENIX-2700997 Datasheet
72Kb / 6P
   Industrial Ethernet Switch - FL SWITCH SMCS 14TX/2FX
2832593 PHOENIX-2832593 Datasheet
111Kb / 9P
   Industrial Ethernet Switch - FL SWITCH SF 14TX/2FX
09/12/2020
2891026 PHOENIX-2891026 Datasheet
112Kb / 10P
   Industrial Ethernet Switch - FL SWITCH SFNT 6TX/2FX ST
01/21/2022
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1005N
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2205
2702666 PHOENIX-2702666 Datasheet
228Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2108
2702327 PHOENIX-2702327 Datasheet
244Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2208
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com