Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43172015 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 43172015
Description  Industrial Ethernet Switch - FL SWITCH 2214-2FX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 43172015 Datasheet HTML 6Page - PHOENIX CONTACT 43172015 Datasheet HTML 7Page - PHOENIX CONTACT 43172015 Datasheet HTML 8Page - PHOENIX CONTACT 43172015 Datasheet HTML 9Page - PHOENIX CONTACT 43172015 Datasheet HTML 10Page - PHOENIX CONTACT 43172015 Datasheet HTML 11Page - PHOENIX CONTACT 43172015 Datasheet HTML 12Page - PHOENIX CONTACT 43172015 Datasheet HTML 13Page - PHOENIX CONTACT 43172015 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
https://www.phoenixcontact.com/us/products/2702905
05/20/2021   Page 10 / 14
Industrial Ethernet Switch - FL SWITCH 2214-2FX - 2702905
Accessories
FO patch cable - FOC-SC:PA-SC:PA-OM2:D01/2 - 1115535
Multi-mode OM2 duplex jumper, SC-SC, UPC polishing, length 2 m
 
 
FO patch cable - FOC-ST:PA-SC:PA-OM2:D01/1 - 1115574
Multi-mode OM2 duplex jumper, ST-SC, UPC polishing, length 1 m
 
 
FO patch cable - FOC-ST:PA-SC:PA-OM2:D01/2 - 1115573
Multi-mode OM2 duplex jumper, ST-SC, UPC polishing, length 2 m
 
 
FO patch cable - FOC-LC:PA-SC:PA-OM4:D01/1 - 1115601
Multi-mode OM4 duplex jumper, LC-SC, UPC polishing, length 1 m
 
 
FO patch cable - FOC-LC:PA-SC:PA-OM4:D01/2 - 1115600
Multi-mode OM4 duplex jumper, LC-SC, UPC polishing, length 2 m
 
 


Similar Part No. - 43172015

ManufacturerPart #DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
42Kb / 2P
   Plastic dust protection cap - TU-Z2003
43172015 PHOENIX-43172015 Datasheet
241Kb / 6P
   Cable connector - CA-16S1N12T008
43172015 PHOENIX-43172015 Datasheet
63Kb / 4P
   Cable connector - CA-06S1N128006
43172015 PHOENIX-43172015 Datasheet
68Kb / 4P
   Device connector, rear mounting - CA-17S1N12HZ00
43172015 PHOENIX-43172015 Datasheet
72Kb / 4P
   Device connector, front mounting - CA-17S1N122S00
More results

Similar Description - 43172015

ManufacturerPart #DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
2702330 PHOENIX-2702330 Datasheet
275Kb / 3P
   Industrial Ethernet Switch - FL SWITCH 2206-2FX
2891954 PHOENIX-2891954 Datasheet
116Kb / 10P
   Industrial Ethernet Switch - FL SWITCH SFNT 14TX/2FX
09/12/2020
2891314 PHOENIX-2891314 Datasheet
113Kb / 10P
   Industrial Ethernet Switch - FL SWITCH SFN 6TX/2FX
09/12/2020
2700997 PHOENIX-2700997 Datasheet
72Kb / 6P
   Industrial Ethernet Switch - FL SWITCH SMCS 14TX/2FX
2832593 PHOENIX-2832593 Datasheet
111Kb / 9P
   Industrial Ethernet Switch - FL SWITCH SF 14TX/2FX
09/12/2020
2891026 PHOENIX-2891026 Datasheet
112Kb / 10P
   Industrial Ethernet Switch - FL SWITCH SFNT 6TX/2FX ST
01/21/2022
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1005N
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2205
2702666 PHOENIX-2702666 Datasheet
228Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2108
2702327 PHOENIX-2702327 Datasheet
244Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2208
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com