Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43172015 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 43172015
Description  Industrial Ethernet Switch - FL SWITCH 2214-2FX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  43172015 Datasheet HTML 1Page - PHOENIX CONTACT 43172015 Datasheet HTML 2Page - PHOENIX CONTACT 43172015 Datasheet HTML 3Page - PHOENIX CONTACT 43172015 Datasheet HTML 4Page - PHOENIX CONTACT 43172015 Datasheet HTML 5Page - PHOENIX CONTACT 43172015 Datasheet HTML 6Page - PHOENIX CONTACT 43172015 Datasheet HTML 7Page - PHOENIX CONTACT 43172015 Datasheet HTML 8Page - PHOENIX CONTACT 43172015 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
https://www.phoenixcontact.com/us/products/2702905
05/20/2021   Page 4 / 14
Industrial Ethernet Switch - FL SWITCH 2214-2FX - 2702905
Technical data
Function
DCP (Discovery and Configuration Protocol)
PROFINET device function
PROFINET device
Fast Startup
PROFINET conformance class
Conformance-Class B
Time synchronization
SNTP (Simple Network Time Protocol)
Status and diagnostic indicators
LEDs: US1, US2 (power supply), Fail (alarm contact), 2 LEDs per Ethernet
port (Link/Activity and Speed)
Signal contact control voltage
typ. 24 V DC
Security functions
Port security
MAC-based, RADIUS (IEEE 802.1X)
Network expansion parameters
Cascading depth
Network, linear, and star structure: any
Maximum conductor length (twisted pair)
100 m
Supply voltage
Supply voltage
24 V DC (redundant)
Residual ripple
3.6 VPP (within the permitted voltage range)
Supply voltage range
12 V DC ... 57 V DC
Typical current consumption
375 mA (at US = 24 V DC and 25 °C ambient temperature)
Max. current consumption
1.8 A (US = Min, Tamb = Max, DOI = Max)
Current consumption
375 mA
General
Mounting type
DIN rail
Type AX
Book type
Net weight
485 g
Housing material
Polycarbonate fiber reinforced
Note
Support by phone or on-site (fee is charged)
Latency
≥ 6.5 µs (Store and Forward mode, 10/100 Mbps, depending on the frame
size)
MTTF
264.71 Years (SN 29500 standard, temperature 25°C, operating
cycle 21%)
135.79 Years (SN 29500 standard, temperature 40°C, operating
cycle 34.25%)
18.92 Years (SN 29500 standard, temperature 55°C, operating
cycle 100%)
Connection data
Connection method
Push-in spring connection
Conductor cross section solid min.
0.25 mm²


Similar Part No. - 43172015

ManufacturerPart #DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
43Kb / 2P
   Crimp contact - RC-6FP2000
43172015 PHOENIX-43172015 Datasheet
42Kb / 2P
   Plastic dust protection cap - TU-Z2003
43172015 PHOENIX-43172015 Datasheet
72Kb / 4P
   Device connector, front mounting - CA-17S1N122S00
43172015 PHOENIX-43172015 Datasheet
39Kb / 1P
   Coupler connector - SM-7EP1N8A9L02
12/10/13
43172015 PHOENIX-43172015 Datasheet
63Kb / 4P
   Cable connector - CA-06S1N128006
More results

Similar Description - 43172015

ManufacturerPart #DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
2702330 PHOENIX-2702330 Datasheet
275Kb / 3P
   Industrial Ethernet Switch - FL SWITCH 2206-2FX
2891954 PHOENIX-2891954 Datasheet
116Kb / 10P
   Industrial Ethernet Switch - FL SWITCH SFNT 14TX/2FX
09/12/2020
2891314 PHOENIX-2891314 Datasheet
113Kb / 10P
   Industrial Ethernet Switch - FL SWITCH SFN 6TX/2FX
09/12/2020
2700997 PHOENIX-2700997 Datasheet
72Kb / 6P
   Industrial Ethernet Switch - FL SWITCH SMCS 14TX/2FX
2832593 PHOENIX-2832593 Datasheet
111Kb / 9P
   Industrial Ethernet Switch - FL SWITCH SF 14TX/2FX
09/12/2020
2891026 PHOENIX-2891026 Datasheet
112Kb / 10P
   Industrial Ethernet Switch - FL SWITCH SFNT 6TX/2FX ST
01/21/2022
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1005N
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2205
2702666 PHOENIX-2702666 Datasheet
228Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2108
2702327 PHOENIX-2702327 Datasheet
244Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2208
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com