Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43172015 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 43172015
Description  Industrial Ethernet Switch - FL SWITCH 2214-2FX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  43172015 Datasheet HTML 1Page - PHOENIX CONTACT 43172015 Datasheet HTML 2Page - PHOENIX CONTACT 43172015 Datasheet HTML 3Page - PHOENIX CONTACT 43172015 Datasheet HTML 4Page - PHOENIX CONTACT 43172015 Datasheet HTML 5Page - PHOENIX CONTACT 43172015 Datasheet HTML 6Page - PHOENIX CONTACT 43172015 Datasheet HTML 7Page - PHOENIX CONTACT 43172015 Datasheet HTML 8Page - PHOENIX CONTACT 43172015 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
https://www.phoenixcontact.com/us/products/2702905
05/20/2021   Page 3 / 14
Industrial Ethernet Switch - FL SWITCH 2214-2FX - 2702905
Technical data
Interfaces
Wavelength
1300 nm
Signal LEDs
Data receive, link status
Function
Basic functions
Store-and-forward switch, complies with IEEE 802.3
Configuration memory
max. 8 GByte (SD card)
Management
Web-based management (HTTP/HTTPS)
Role-based user management
SNMPv1/v2/v3
Command-line interface (Telnet, SSH)
Diagnostic functions
RMON History
LLDP (Link Layer Discovery Protocol)
SNMP-Traps
N:1-Portmirroring
ACD (Address Conflict Detection)
SysLog
CRC-Surveillance
Filter functions
Quality of Service (8 priority classes)
Class of Service
DiffServ/DSCP
Port-Priorisierung
VLAN (up to 32 VLANs)
IGMP Snooping/Querier (v1/v2)
Auto-Query-Port
Extended Multicast Filtering
Redundancy
MRP (Media Redundancy Protocol)
RSTP (Rapid Spanning Tree Protocol)
FRD (Fast Ring Detection)
Large Tree Support
LACP (Link Aggregation Control Protocol)
Additional functions
Transmission of MMS and GOOSE (IEC 61850-8-1)
MAC address table
8k
Latency
≥ 6.5 µs (Store and Forward mode, 10/100 Mbps, depending on the frame
size)
IP parameterization
DHCP-Client
DHCP Option 82 (Relay Agent)
DHCP server (pool-based, port-based)
BootP


Similar Part No. - 43172015

ManufacturerPart #DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
72Kb / 4P
   Device connector, front mounting - CA-09P1N122S00
43172015 PHOENIX-43172015 Datasheet
241Kb / 6P
   Cable connector - CA-16S1N12T008
43172015 PHOENIX-43172015 Datasheet
52Kb / 3P
   Crimp contact - SF-7PS2000
43172015 PHOENIX-43172015 Datasheet
68Kb / 4P
   Device connector, rear mounting - CA-17S1N12HZ00
43172015 PHOENIX-43172015 Datasheet
241Kb / 2P
   Plastic anti-static dust protection cap - RC-Z2468
More results

Similar Description - 43172015

ManufacturerPart #DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
2702330 PHOENIX-2702330 Datasheet
275Kb / 3P
   Industrial Ethernet Switch - FL SWITCH 2206-2FX
2891954 PHOENIX-2891954 Datasheet
116Kb / 10P
   Industrial Ethernet Switch - FL SWITCH SFNT 14TX/2FX
09/12/2020
2891314 PHOENIX-2891314 Datasheet
113Kb / 10P
   Industrial Ethernet Switch - FL SWITCH SFN 6TX/2FX
09/12/2020
2700997 PHOENIX-2700997 Datasheet
72Kb / 6P
   Industrial Ethernet Switch - FL SWITCH SMCS 14TX/2FX
2832593 PHOENIX-2832593 Datasheet
111Kb / 9P
   Industrial Ethernet Switch - FL SWITCH SF 14TX/2FX
09/12/2020
2891026 PHOENIX-2891026 Datasheet
112Kb / 10P
   Industrial Ethernet Switch - FL SWITCH SFNT 6TX/2FX ST
01/21/2022
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1005N
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2205
2702666 PHOENIX-2702666 Datasheet
228Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2108
2702327 PHOENIX-2702327 Datasheet
244Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2208
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com