Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD03CLV Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # ESD03CLV
Description  Bidirectional Ultra Low Capacitance ESD/Surge Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ESD03CLV Datasheet(HTML) 2 Page - Rectron Semiconductor

  ESD03CLV Datasheet HTML 1Page - Rectron Semiconductor ESD03CLV Datasheet HTML 2Page - Rectron Semiconductor ESD03CLV Datasheet HTML 3Page - Rectron Semiconductor ESD03CLV Datasheet HTML 4Page - Rectron Semiconductor ESD03CLV Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Units
VESD
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
±15
±8
kV
PPP
Peak Pulse Power (8/20s)
150
W
IPP
Peak Pulse Current (8/20 s)
10
A
TOPT
Operating Temperature
-45 ~ +85
qC
TSTG
Storage Temperature
-55 ~ +150
qC
qqC)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VRWM
Reverse Working Voltage
3.3
V
VB
Reverse Breakdown Voltage
IR = 1mA
3.5
V
IR
Reverse Leakage Current
VRWM = 3.3V
500
nA
VC1
Clamping Voltage 1
IPP = 1A, tp = 8/20s
6.5
V
VC2
Clamping Voltage 2
IPP = 10A, tp = 8/20s
15.0
V
CESD
Parasitic Capacitance
VR = 0V, f = 1MHz
1.0
pF
ABSOLUTE MAXIMUM RATING (Tamb=25°C, unless otherwise specified)
ELECTRICAL CHARACTERISTICS (Tamb=25°C,unless otherwise specified)


Similar Part No. - ESD03CLV

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ESD03CL RECTRON-ESD03CL Datasheet
194Kb / 5P
   Bidirectional Ultra Low Capacitance ESD/Surge Protection
More results

Similar Description - ESD03CLV

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ESD03CL RECTRON-ESD03CL Datasheet
194Kb / 5P
   Bidirectional Ultra Low Capacitance ESD/Surge Protection
logo
NXP Semiconductors
PESD3V3X1BL NXP-PESD3V3X1BL Datasheet
91Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
Rev. 01-6 January 2009
PESD5V0X1BT NXP-PESD5V0X1BT Datasheet
83Kb / 13P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01-30 October 2008
PESD18VF1BL NXP-PESD18VF1BL Datasheet
716Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
Rev. 1-2 September 2013
PESD5V0H1BSF PHILIPS-PESD5V0H1BSF_15 Datasheet
193Kb / 13P
   Ultra low capacitance bidirectional ESD protection diode
7 May 2015
logo
Nexperia B.V. All right...
PESD7V0C1BSF NEXPERIA-PESD7V0C1BSF Datasheet
207Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
PESD3V3C1BSF NEXPERIA-PESD3V3C1BSF Datasheet
694Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
logo
NXP Semiconductors
PESD5V0R1BSF PHILIPS-PESD5V0R1BSF_15 Datasheet
189Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
7 May 2015
PESD18VF1BSF PHILIPS-PESD18VF1BSF_15 Datasheet
187Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
20 May 2015
logo
Nexperia B.V. All right...
PESD24VF1BSF NEXPERIA-PESD24VF1BSF Datasheet
672Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com