Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS12A65F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TRS12A65F
Description  SiC Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TRS12A65F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TRS12A65F Datasheet HTML 1Page - Toshiba Semiconductor TRS12A65F Datasheet HTML 2Page - Toshiba Semiconductor TRS12A65F Datasheet HTML 3Page - Toshiba Semiconductor TRS12A65F Datasheet HTML 4Page - Toshiba Semiconductor TRS12A65F Datasheet HTML 5Page - Toshiba Semiconductor TRS12A65F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TRS12A65F
2
4.
4.
4.
4. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Repetitive peak reverse voltage
Forward DC current
Forward pulse current
Power dissipation
Non-repetitive peak forward surge current
Junction temperature
Storage temperature
Mounting torque
Isolation voltage (RMS)
Symbol
VRRM
IF(DC)
IFP
PD
IFSM
Tj
Tstg
TOR
VISO(RMS)
Note
(Note 1)
(Note 2)
(Note 3)
(Note 4)
Rating
650
12
120
41
92
175
-55 to 175
0.6
2000
Unit
V
A
A
W
A
Nm
V
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: t = 50 µs
Note 2: Tc = 25
Note 3: f = 50 Hz (half-sine wave, t = 10 ms)
Note 4: t = 1 s
5.
5.
5.
5. Thermal Characteristics
Thermal Characteristics
Thermal Characteristics
Thermal Characteristics
Characteristics
Thermal resistance (junction-to-case)
Thermal resistance (junction-to-ambient)
Symbol
Rth(j-c)
Rth(j-a)
Test Condition
Max
3.65
62.5
Unit
/W
/W
6.
6.
6.
6. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Forward voltage
Forward voltage
Reverse current
Junction capacitance
Symbol
VF(1)
VF(2)
IR
Cj
Test Condition
IF = 6 A (pulse measurement)
IF = 12 A (pulse measurement)
VR = 650 V (pulse measurement)
VR = 650 V, f = 1 MHz
Min
Typ.
1.2
1.45
0.6
44
Max
1.6
60
Unit
V
V
µA
pF
2019-06-25
Rev.1.0
©2018-2019
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - TRS12A65F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TRS12A65C TOSHIBA-TRS12A65C Datasheet
154Kb / 5P
   SiC Schottky Barrier Diode
More results

Similar Description - TRS12A65F

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
   SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
   SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
   SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG_17 Datasheet
901Kb / 6P
   SiC Schottky Barrier Diode
SCS210AJHR ROHM-SCS210AJHR Datasheet
1Mb / 6P
   SiC Schottky Barrier Diode
SCS304AP ROHM-SCS304AP Datasheet
989Kb / 7P
   SiC Schottky Barrier Diode
SCS308AP ROHM-SCS308AP Datasheet
1,022Kb / 7P
   SiC Schottky Barrier Diode
SCS210KE2 ROHM-SCS210KE2 Datasheet
913Kb / 6P
   SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com