Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS8E65F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TRS8E65F
Description  SiC Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TRS8E65F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TRS8E65F Datasheet HTML 1Page - Toshiba Semiconductor TRS8E65F Datasheet HTML 2Page - Toshiba Semiconductor TRS8E65F Datasheet HTML 3Page - Toshiba Semiconductor TRS8E65F Datasheet HTML 4Page - Toshiba Semiconductor TRS8E65F Datasheet HTML 5Page - Toshiba Semiconductor TRS8E65F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TRS8E65F
1
SiC Schottky Barrier Diode
TRS8E65F
TRS8E65F
TRS8E65F
TRS8E65F
Start of commercial production
2016-07
1.
1.
1.
1. Applications
Applications
Applications
Applications
Power Factor Correction
Solar Inverters
Uninterruptible Power Supplies
DC-DC Converters
2.
2.
2.
2. Features
Features
Features
Features
(1)
Chip design of 2nd generation.
(2)
High surge current capability : IFSM = 69A (Max)
(3)
The junction capacitance is small : Cj = 28 pF (Typ.)
(4)
The reverse current is small. : IR = 0.4 µA (Typ.)
3.
3.
3.
3. Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
TO-220-2L
1: Cathode
2: Anode
2018-06-27
Rev.2.0
©2016-2018
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - TRS8E65F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TRS8E65C TOSHIBA-TRS8E65C Datasheet
157Kb / 5P
   SiC Schottky Barrier Diode
More results

Similar Description - TRS8E65F

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
   SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
   SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
   SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG_17 Datasheet
901Kb / 6P
   SiC Schottky Barrier Diode
SCS210AJHR ROHM-SCS210AJHR Datasheet
1Mb / 6P
   SiC Schottky Barrier Diode
SCS304AP ROHM-SCS304AP Datasheet
989Kb / 7P
   SiC Schottky Barrier Diode
SCS308AP ROHM-SCS308AP Datasheet
1,022Kb / 7P
   SiC Schottky Barrier Diode
SCS210KE2 ROHM-SCS210KE2 Datasheet
913Kb / 6P
   SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com