Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP010507DBP Datasheet(PDF) 11 Page - Texas Instruments

Part # DCP010507DBP
Description  Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DCP010507DBP Datasheet(HTML) 11 Page - Texas Instruments

Back Button DCP010507DBP Datasheet HTML 7Page - Texas Instruments DCP010507DBP Datasheet HTML 8Page - Texas Instruments DCP010507DBP Datasheet HTML 9Page - Texas Instruments DCP010507DBP Datasheet HTML 10Page - Texas Instruments DCP010507DBP Datasheet HTML 11Page - Texas Instruments DCP010507DBP Datasheet HTML 12Page - Texas Instruments DCP010507DBP Datasheet HTML 13Page - Texas Instruments DCP010507DBP Datasheet HTML 14Page - Texas Instruments DCP010507DBP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DCP01B SERIES
SBVS012C − DECEMBER 2000 − REVISED AUGUST 2005
www.ti.com
11
Connecting the DCP01B in Series
Multiple DCP01B isolated 1W DC/DC converters can be
connected in series to provide nonstandard voltage rails.
This is possible by using the floating outputs provided by
the DCP01B galvanic isolation.
Connect the positive VOUT from one DCP01B to the
negative VOUT (0V) of another, as shown in Figure 1. If the
SYNCIN pins are tied together, the self-synchronization
feature of the DCP01B will prevent beat frequencies on the
voltage rails. The SYNCIN feature of the DCP01B allows
easy connection in series, which reduces separate filtering
components.
The outputs on dual output DCP01B versions can also be
connected in series to provide two times the magnitude of
VOUT, as shown in Figure 2. For example, a dual 15V
DCP01B could be connected to provide a 30V rail.
Connecting the DCP01B in Parallel
If the output power from one DCP01B is not sufficient, it is
possible to parallel the outputs of multiple DCP01B
converters (see Figure 3). Again, the SYNCIN feature
allows easy synchronization to prevent power-rail beat
frequencies at no additional filtering cost.
DCP
01B
V
OUT 1
V
SUPPLY
V
S
0V
DCP
01B
V
OUT 2
V
OUT1 +VOUT2
SYNC
IN
C
IN
(1)
C
OUT
C
OUT
C
IN
(1)
SYNC
IN
V
S
0V
0V
0V
COM
NOTE: (1) CIN requires a low−ESR ceramic capacitor: 5V to 15V version is 2.2µF;
24V version is minimum 0.47
µF. C
OUT =1.0µF.
Figure 1. Connecting the DCP01B in Series
DCP
01B
+V
OUT
V
SUPPLY
+V
OUT
−V
OUT
−V
OUT
0V
V
S
0V
COM
C
OUT
(1)
C
OUT
(1)
C
IN
(1)
NOTE: (1) CIN requires a low−ESR ceramic capacitor: 5V to 15V version is 2.2µF;
24V version is minimum 0.47
µF. C
OUT =1.0µF.
Figure 2. Connecting Dual Outputs in Series
DCP
01B
0V
0V
V
OUT
V
SUPPLY
V
S
0V
DCP
01B
V
OUT
2x Power Out
SYNC
IN
SYNC
IN
V
S
0V
COM
C
OUT
(1)
C
OUT
(1)
C
IN
(1)
C
IN
(1)
NOTE: (1) C
IN requires a low−ESR ceramic capacitor: 5V to 15V version is 2.2µF;
24V version is minimum 0.47
µF. C
OUT =1.0µF.
Figure 3. Connecting Multiple DCP01Bs in Parallel


Similar Part No. - DCP010507DBP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP010507DBP TI1-DCP010507DBP Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
DCP010507DBP-U TI1-DCP010507DBP-U Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
DCP010507DBP-U/7E4 TI1-DCP010507DBP-U/7E4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-U/7E4 TI1-DCP010507DBP-U/7E4 Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCP010507DBP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0105 BURR-BROWN-DCP0105 Datasheet
199Kb / 17P
   Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com