Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7029-3408-3411 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 7029-3408-3411
Description  KEYED SMA STR. F BLKHD TO SMA STR. M TFLEX405 CABLE ASSEMBLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

7029-3408-3411 Datasheet(HTML) 1 Page - Amphenol Corporation

  7029-3408-3411 Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-
DCN 49729
03/20
BNK
APPROVED:
CHECKED:
DRAWN:
BNK 03/30/20
BNK 03/30/20
JPM 03/30/20
ROHS NON-COMPLIANT
OAL
6.000±.500 152.39±12.70
MATERIAL:
CONNECTORS:
KEYED SMA FEMALE BLKHD (SEE TABLE I)
SMA MALE (SF2906-6002)
CABLE:
T-FLEX 405 (200-70-139)
STRAIN RELIEF:
M23053/5
PERFORMANCE:
IMPEDANCE:
50 OHMS
FREQ. RANGE:
DC TO 18.0 GHz.
PRODUCT DATA DRAWING
TABLE I
PART NUMBER
KEYED SMA FEMALE BLKHD
CONNECTOR PART NUMBER
7029-3408
SF2921-61614-1K (2 X 180°)
7029-3409
SF2921-61614-2K (2 X 150°)
7029-3410
SF2921-61614-3K (2 X 120°)
7029-3411
SF2921-61614-4K (2 X 90°)
APPROVED
DATE
REVISION HISTORY
DESCRIPTION
REV
THIRD ANGLE PROJECTION
1) ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
2) ALL DIMENSIONS ARE AFTER PLATING.
3) BREAK CORNERS & EDGES .005 R. MAX.
4) CHAM. 1ST & LAST THREADS.
5) SURFACE ROUGHNESS 63eMIL-STD-10.
6) DIA.’S ON COMMON CENTERS TO BE CONCENTRIC
WITHIN .005 T.I.R.
7) REMOVE ALL BURRS
UNLESS OTHERWISE SPECIFIED
7029-3408-3411
www.svmicrowave.com
TITLE:
PROPRIETARY
THE INFORMATION CONTAINED IN THIS DRAWING
IS THE SOLE PROPERTY OF SV MICROWAVE, INC.
ANY REPRODUCTION IN PART OR AS A WHOLE
WITHOUT THE WRITTEN PERMISSION OF
SV MICROWAVE, INC IS PROHIBITED.
SURFACE AREA:
SHEET 1 OF 1
DIMENSIONS ARE IN INCHES TOLERANCES:
FRACTIONAL:
1/64
ANGULAR: X
1 0'
X X' 15'
DECIMAL: .X
.030
.XX
.010
.XXX .005
INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M - 1994
FINISH:
MATERIAL:
B
DWG. NO.
SIZE
SCALE: 2:1
SEE NOTES
SEE NOTES
N/A
KEYED SMA STR. F BLKHD
TO SMA STR. M TFLEX405
CABLE ASSEMBLY


Similar Part No. - 7029-3408-3411

ManufacturerPart #DatasheetDescription
logo
Amphenol SV Microwave
7029-3408-3411 SVMICROWAVE-7029-3408-3411 Datasheet
87Kb / 1P
   KEYED SMA STR. F BLKHD TO SMA STR. M TFLEX405 CABLE ASSEMBLY
03/20
More results

Similar Description - 7029-3408-3411

ManufacturerPart #DatasheetDescription
logo
Amphenol SV Microwave
7029-3408-3411 SVMICROWAVE-7029-3408-3411 Datasheet
87Kb / 1P
   KEYED SMA STR. F BLKHD TO SMA STR. M TFLEX405 CABLE ASSEMBLY
03/20
7029-3574 SVMICROWAVE-7029-3574 Datasheet
88Kb / 1P
   SMA STR. F IP68 BLKHD TO SMA STR. M TFLEX405 CABLE ASSEMBLY
02/21
logo
Amphenol Corporation
7029-3530 AMPHENOL-7029-3530 Datasheet
87Kb / 1P
   SMA STR. F IP68 BLKHD TO SMA STR. M TFLEX405 CABLE ASSEMBLY
logo
Amphenol SV Microwave
7029-3530 SVMICROWAVE-7029-3530 Datasheet
87Kb / 1P
   SMA STR. F IP68 BLKHD TO SMA STR. M TFLEX405 CABLE ASSEMBLY
10/20
logo
Amphenol Corporation
7029-3574 AMPHENOL-7029-3574 Datasheet
88Kb / 1P
   SMA STR. F IP68 BLKHD TO SMA STR. M TFLEX405 CABLE ASSEMBLY
logo
Amphenol SV Microwave
7029-3412-3415 SVMICROWAVE-7029-3412-3415 Datasheet
86Kb / 1P
   KEYED SMA STR. M TO SMA STR. M TFLEX405 CABLE ASSEMBLY
03/20
logo
Amphenol Corporation
7029-3412-3415 AMPHENOL-7029-3412-3415 Datasheet
88Kb / 1P
   KEYED SMA STR. M TO SMA STR. M TFLEX405 CABLE ASSEMBLY
7029-3637 AMPHENOL-7029-3637 Datasheet
90Kb / 1P
   SMA STR. M TO SMA STR. M TFLEX405 LOPRO RF CABLE ASSEMBLY
7029-3639 AMPHENOL-7029-3639 Datasheet
91Kb / 1P
   SMA STR. M TO SMPM STR. F TFLEX405 LOPRO RF CABLE ASSEMBLY
logo
Amphenol SV Microwave
7029-3637-3638 SVMICROWAVE-7029-3637-3638 Datasheet
90Kb / 1P
   SMA STR. M TO SMA STR. M TFLEX405 LOW PROFILE RF CABLE ASSEMBLY
REV.B 04/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com