Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1073ARU Datasheet(PDF) 18 Page - Analog Devices

Part # ADM1073ARU
Description  Full-Feature ??8 V Hot Swap Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1073ARU Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM1073ARU Datasheet HTML 14Page - Analog Devices ADM1073ARU Datasheet HTML 15Page - Analog Devices ADM1073ARU Datasheet HTML 16Page - Analog Devices ADM1073ARU Datasheet HTML 17Page - Analog Devices ADM1073ARU Datasheet HTML 18Page - Analog Devices ADM1073ARU Datasheet HTML 19Page - Analog Devices ADM1073ARU Datasheet HTML 20Page - Analog Devices ADM1073ARU Datasheet HTML 21Page - Analog Devices ADM1073ARU Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADM1073
Rev. 0| Page 18 of 24
FUNCTIONALITY AND TIMING
LIVE INSERTION
The timing waveforms associated with the live insertion of a
plug-in board using the ADM1073 are shown in Figure 36. The
long connector pins are the first to make connection, and the
GND − VEE potential climbs to 48 V. As this voltage is applied,
the voltage at the VIN pin ramps to a constant 12.3 V and is held
at this level with the shunt resistor and external resistor
combination at the VIN pin. In this case, the connection pins are
staggered so that the R1/R2 and R3/R4 resistor dividers are the
last to connect to the backplane. This means that VUV and VOV
begin to ramp after the other pins connect. Note that staggered
connector pins are optional, because an internal time filter is
included on the UV pin.
When VUV crosses the undervoltage rising threshold, it is now
inside the operating voltage window and the −48 V supply must
be applied to the load. The SPLYGD output is asserted and after
a time delay, tPOR, the ADM1073 begins to ramp up the gate
drive. When the voltage on the SENSE pin reaches 100 mV (the
analog current limit level), the gate drive is held constant. When
the board capacitance is fully charged, the sense voltage begins
to drop below the analog current limit voltage and the gate
voltage is free to ramp up further. The gate voltage eventually
climbs to its maximum value of 12.3 V and the PWRGD output
is asserted. Figure 37 shows some typical startup waveforms.
tPOR
VLKO
VUVR
–48V RTN – VEE
VIN
VUV
GATE
SENSE
VOUT
SPLYGD
PWRGD
Figure 36. Timing Waveforms Associated with a Live Insertion Event
Figure 37. Typical Startup Sequence
(Ch1 = GATE; Ch2 = SENSE; Ch3 = PWRGD; Ch4 = SPLYGD)
OVERVOLTAGE AND UNDERVOLTAGE FAULTS
The waveforms for an overvoltage glitch are shown in Figure 38.
When VOV glitches above the overvoltage threshold of 1.93 V, an
overvoltage condition is detected and the GATE voltage is
pulled low. VOV begins to drop back toward the operating
voltage window, and the GATE drive is restored when the
overvoltage falling threshold (1.93 V minus preset OV
hysteresis level) is reached. Figure 38 illustrates the ADM1073’s
reactions to an overvoltage condition.
Figure 38. Timing Waveforms Associated with an Overvoltage Fault
(Ch1 = GATE; Ch2 = OV; Ch3 = PWRGD; Ch 4 = SPLYGD)


Similar Part No. - ADM1073ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ-REEL AD-ADM1073ARUZ-REEL Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ-REEL AD-ADM1073ARUZ-REEL Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ-REEL7 AD-ADM1073ARUZ-REEL7 Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
More results

Similar Description - ADM1073ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073 AD-ADM1073_15 Datasheet
376Kb / 24P
   Full-Feature 48 V Hot Swap Controller
REV. B
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com