Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVQ161 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 74LVQ161
Description  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ161 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74LVQ161 Datasheet HTML 2Page - STMicroelectronics 74LVQ161 Datasheet HTML 3Page - STMicroelectronics 74LVQ161 Datasheet HTML 4Page - STMicroelectronics 74LVQ161 Datasheet HTML 5Page - STMicroelectronics 74LVQ161 Datasheet HTML 6Page - STMicroelectronics 74LVQ161 Datasheet HTML 7Page - STMicroelectronics 74LVQ161 Datasheet HTML 8Page - STMicroelectronics 74LVQ161 Datasheet HTML 9Page - STMicroelectronics 74LVQ161 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74LVQ161
6/14
Table 9: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/n (per circuit)
Figure 5: Test Circuit
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Figure 6: Waveform - Propagation Delays, Count Mode (f=1MHz; 50% duty cycle)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
3.3
4
pF
CPD
Power Dissipation
Capacitance
(note 1)
3.3
fIN = 10MHz
16
pF


Similar Part No. - 74LVQ161

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ163 STMICROELECTRONICS-74LVQ163 Datasheet
259Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
July 2001
74LVQ163 STMICROELECTRONICS-74LVQ163 Datasheet
366Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ163M STMICROELECTRONICS-74LVQ163M Datasheet
259Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
July 2001
74LVQ163MTR STMICROELECTRONICS-74LVQ163MTR Datasheet
259Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
July 2001
74LVQ163MTR STMICROELECTRONICS-74LVQ163MTR Datasheet
366Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
More results

Similar Description - 74LVQ161

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT163 STMICROELECTRONICS-74ACT163 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
74ACT163MTR STMICROELECTRONICS-74ACT163MTR Datasheet
280Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC161 STMICROELECTRONICS-M74HC161 Datasheet
961Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74AC161 STMICROELECTRONICS-74AC161 Datasheet
101Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
M74HC163 STMICROELECTRONICS-M74HC163 Datasheet
898Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC160 STMICROELECTRONICS-M74HC160_01 Datasheet
966Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74ACT161 STMICROELECTRONICS-74ACT161 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
74AC163 STMICROELECTRONICS-74AC163_01 Datasheet
277Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ163 STMICROELECTRONICS-74LVQ163_04 Datasheet
366Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74ACT161 STMICROELECTRONICS-74ACT161_01 Datasheet
335Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com