Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SD1478 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. 2SD1478
Description  Silicon NPN epitaxial planer type darlington(For low-frequency amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1478 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD1478 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1478 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
2SD1478, 2SD1478A
PC — Ta
IC — VCE
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
Cob — VCB
0
200
160
40
120
80
0
240
200
160
120
80
40
Ambient temperature Ta (˚C)
0.1
1
10
100
0.3
3
30
0.1
0.3
1
3
10
30
100
300
1000
Ta=25˚C
I
B=50µA
45
µA
40
µA
35
µA
5
µA
10
µA
15
µA
20
µA
25
µA
30
µA
Collector to emitter voltage V
CE
(V)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=1000
25˚C
–25˚C
Ta=75˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=1000
Ta=–25˚C
25˚C
75˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
10
102
103
104
105
V
CE=10V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
1
3
10
30
100
0
6
5
4
3
2
1
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn