Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SD1478 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. 2SD1478
Description  Silicon NPN epitaxial planer type darlington(For low-frequency amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1478 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD1478 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1478 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SD1478, 2SD1478A
Silicon NPN epitaxial planer type darlington
For low-frequency amplification
s Features
q
Forward current transfer ratio hFE is designed high, which is ap-
propriate to the driver circuit of motors and printer bammer: hFE
= 4000 to 20000.
q
A shunt resistor is omitted from the driver.
s Absolute Maximum Ratings (Ta=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
30
60
25
50
5
750
500
200
150
–55 ~ +150
Unit
V
V
V
mA
mA
mW
˚C
˚C
2SD1478
2SD1478A
2SD1478
2SD1478A
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to base
voltage
Collector to emitter
voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter voltage
Transition frequency
Symbol
ICBO
IEBO
VCBO
VCEO
VEBO
hFE
*1
VCE(sat)
VBE(sat)
fT
Conditions
VCB = 25V, IE = 0
VEB = 4V, IC = 0
IC = 100µA, IE = 0
IC = 1mA, IB = 0
IC = 1mA, IB = 0
IE = 100µA, IC = 0
VCE = 10V, IC = 500mA
*2
IC = 500mA, IB = 0.5mA
*2
IC = 500mA, IB = 0.5mA
*2
VCB = 10V, IE = –50mA, f = 200MHz
min
30
60
25
50
5
4000
typ
200
max
100
100
20000
2.5
3.0
Unit
nA
nA
V
V
V
V
V
MHz
*2 Pulse measurement
2SD1478
2SD1478A
2SD1478
2SD1478A
Unit: mm
1:Base
JEDEC:TO–236
2:Emitter
EIAJ:SC–59
3:Collector
Mini Type Package
2.8
+0.2
–0.3
1.5
+0.25
–0.05
0.65
±0.15
0.65
±0.15
3
1
2
0.4
±0.2
0.1 to 0.3
Marking symbol :
2N(2SD1478)
2O(2SD1478A)
Internal Connection
B
C
E
*1h
FE1 Rank classification
Rank
Q
R
hFE1
4000 ~ 10000 8000 ~ 20000
2SD1478
2NQ
2NR
2SD1478A
2OQ
2OR
Marking
Symbol


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn